Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5063ACPZ-1-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5063ACPZ-1-R7
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063ACPZ-1-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5063ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Data Sheet
ADP5063
Rev. 0 | Page 17 of 44
Figure 26. Block Diagram
6
7
9
10
ISO_S1
ISO_S2
ISO_S3
VIN1
VIN2
11
14
ISO_B2
18
THR
0.5V
NTC CURRENT
CONTROL
COLD
COOL
WARM
HOT
TRICKLE
CURRENT
SOURCE
19
BATTERY
DETECTION
SINK
4
BAT_SNS
BATTERY DETECTION
BATTERY:
OPEN
SHORT
TRICKLE
WEAK
CV MODE
RECHARGE
CHARGE CONTROL
EOC
TO SYSTEM
LOAD
+
–
6.85V
3.9V
+
–
VIN
OVERVOLTAGE
VIN LIMIT
BATTERY
ISOLATION FET
VIN GOOD
BATTERY OVERVOLTAGE
1
17
SCL
SDA
TO USB VBUS
OR WALL
ADAPTER
20
AGND
5
3
2
DIG_IO1
DIG_IO2
DIG_IO3
16
SYS_EN
3MHz OSC
SINGLE
CELL
Li-Ion
SYS_EN OUTPUT
LOGIC
THERMAL CONTROL
8
VIN3
CBP
ISO_B3
13
12
15
ILED
ILED OUTPUT
LOGIC
HIGH VOLTAGE
BLOCKING
LDO FET
+
–
LDO FET
CONTROL
3.4V
I2C INTERFACE
AND
CONTROL LOGIC
VIN – 150mV
ISO_B1
1.9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com