Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1337CSRI Datasheet(PDF) 17 Page - Integrated Device Technology

Part # 1337CSRI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1337CSRI Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button 1337CSRI Datasheet HTML 13Page - Integrated Device Technology 1337CSRI Datasheet HTML 14Page - Integrated Device Technology 1337CSRI Datasheet HTML 15Page - Integrated Device Technology 1337CSRI Datasheet HTML 16Page - Integrated Device Technology 1337CSRI Datasheet HTML 17Page - Integrated Device Technology 1337CSRI Datasheet HTML 18Page - Integrated Device Technology 1337CSRI Datasheet HTML 19Page - Integrated Device Technology 1337CSRI Datasheet HTML 20Page - Integrated Device Technology 1337CSRI Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
IDT1337
REA LTIME CLOCK WITH SERIAL INTERFACE
RTC
IDT™ REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
17
IDT1337
REV J 111009
Thermal Characteristics for 8SOIC
Thermal Characteristics for 8MSOP
Thermal Characteristics for 16SOIC
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
150
° C/W
θJA
1 m/s air flow
140
° C/W
θJA
3 m/s air flow
120
° C/W
Thermal Resistance Junction to Case
θJC
40
° C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
95
° C/W
Thermal Resistance Junction to Case
θJC
48
° C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
120
° C/W
θJA
1 m/s air flow
115
° C/W
θJA
3 m/s air flow
105
° C/W
Thermal Resistance Junction to Case
θJC
58
° C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com