Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1337CSRI Datasheet(PDF) 14 Page - Integrated Device Technology

Part # 1337CSRI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1337CSRI Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button 1337CSRI Datasheet HTML 10Page - Integrated Device Technology 1337CSRI Datasheet HTML 11Page - Integrated Device Technology 1337CSRI Datasheet HTML 12Page - Integrated Device Technology 1337CSRI Datasheet HTML 13Page - Integrated Device Technology 1337CSRI Datasheet HTML 14Page - Integrated Device Technology 1337CSRI Datasheet HTML 15Page - Integrated Device Technology 1337CSRI Datasheet HTML 16Page - Integrated Device Technology 1337CSRI Datasheet HTML 17Page - Integrated Device Technology 1337CSRI Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
IDT1337
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
RTC
IDT™ REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
14
IDT1337
REV J 111009
Note 1: Limits at -40°C are guaranteed by design and are not production tested.
Note 2: SCL only.
Note 3: SDA, INTA, and SQW/INTB.
Note 4: ICCA—SCL clocking at maximum frequency = 400 kHz, VIL = 0.0V, VIH = VCC.
Note 5: Specified with the I2C bus inactive, VIL = 0.0V, VIH = VCC.
Note 6: SQW enabled.
Note 7: Specified with the SQW function disabled by setting INTCN = 1.
Note 8: Using recommended crystal on X1 and X2.
Note 9: The device is fully accessible when 1.8 < VCC < 5.5 V. Time and date are maintained when 1.3 V < VCC <
1.8 V.
Note 10: After this period, the first clock pulse is generated.
Note 11: A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHMIN of
the SCL signal) to bridge the undefined region of the falling edge of SCL.
Note 12: The maximum tHD:DAT need only be met if the device does not stretch the LOW period (tLOW) of the SCL
signal.
Note 13: A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT > to 250 ns must
then be met. This is automatically the case if the device does not stretch the LOW period of the SCL signal. If such
a device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line tR(MAX) +
tSU:DAT = 1000 + 250 = 1250 ns before the SCL line is released.
Note 14: CB—total capacitance of one bus line in pF.
Note 15: Guaranteed by design. Not production tested.
Rise Time of Both SDA and SCL
Signals, Note 14
tR
Fast Mode
20 + 0.1CB
300
ns
Standard Mode
20 + 0.1CB
1000
Fall Time of Both SDA and SCL Signals,
Note 14
tF
Fast Mode
20 + 0.1CB
300
ns
Standard Mode
20 + 0.1CB
300
Setup Time for STOP Condition
tSU:STO
Fast Mode
0.6
µs
Standard Mode
4.0
Capacitive Load for Each Bus Line,
Note 14
CB
400
pF
I/O Capacitance (SDA, SCL)
CI/O
Note 15
10
pF
32.768 kHz Clock Accuracy with
External Crystal
TA=25°C
VCC=3.3 V
±10
ppm
32.768 kHz Clock Accuracy with
Internal Crystal
TA=25°C
VCC=3.3 V
(crystal accuracy
±20ppm)
±30
ppm
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com