Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1337CSRI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 1337CSRI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1337CSRI Datasheet(HTML) 2 Page - Integrated Device Technology

  1337CSRI Datasheet HTML 1Page - Integrated Device Technology 1337CSRI Datasheet HTML 2Page - Integrated Device Technology 1337CSRI Datasheet HTML 3Page - Integrated Device Technology 1337CSRI Datasheet HTML 4Page - Integrated Device Technology 1337CSRI Datasheet HTML 5Page - Integrated Device Technology 1337CSRI Datasheet HTML 6Page - Integrated Device Technology 1337CSRI Datasheet HTML 7Page - Integrated Device Technology 1337CSRI Datasheet HTML 8Page - Integrated Device Technology 1337CSRI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
IDT1337
REA LTIME CLOCK WITH SERIAL INTERFACE
RTC
IDT™ REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
2
IDT1337
REV J 111009
Pin Assignment (8-pin MSOP/SOIC)
Pin Assignment (16-pin SOIC)
Pin Descriptions
X1
INTA
SCL
SQW/INTB
GND
VCC
1
2
3
4
8
7
6
5
SDA
X2
IDT1337
16
1
15
2
14
3
13
4
5
6
7
8
9
10
12
11
SCL
VCC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
SDA
GND
INTA
SQW/INTB
IDT1337C
Pin
Number
Pin
Name
Pin Description/Function
MSOP
SOIC
1
—
X1
Connections for standard 32.768 kHz quartz crystal. The internal oscillator circuitry is
designed for operation with a crystal having a specified load capacitance (CL) of 7 pF. An
external 32.768 kHz oscillator can also drive the IDT1337. In this configuration, the X1 pin
is connected to the external oscillator signal and the X2 pin is left floating.
2—
X2
314
INTA
Interrupt output. When enabled, INTA is asserted low when the time/day/date matches the
values set in the alarm registers. This pin is an open-drain output and requires an external
pull-up resistor (10 k
Ω typical).
4
15
GND
Connect to ground. DC power is provided to the device on these pins.
5
16
SDA
Serial data input/output. SDA is the input/output pin for the I2C serial interface. The SDA pin
is an open-drain output and requires an external pull-up resistor (2 k
Ω typical).
6
1
SCL
Serial clock input. SCL is used to synchronize data movement on the serial interface. The
SCL pin is an open-drain output and requires an external pull-up resistor (2 k
Ω typical).
7
2
SQW/INTB
Square-Wave/Interrupt output. Programmable square-wave or interrupt output signal. The
SQW/INT pin is an open-drain output and requires an external pull-up resistor (10 k
Ω
typical). This pin can also function as an additional interrupt pin under certain conditions
(see page 6 for details).
8
3
VCC
Primary power supply. DC power is applied to this pin.
—
4 - 13
NC
No connect. These pins are unused and must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com