Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1337CSRI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 1337CSRI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1337CSRI Datasheet(HTML) 5 Page - Integrated Device Technology

  1337CSRI Datasheet HTML 1Page - Integrated Device Technology 1337CSRI Datasheet HTML 2Page - Integrated Device Technology 1337CSRI Datasheet HTML 3Page - Integrated Device Technology 1337CSRI Datasheet HTML 4Page - Integrated Device Technology 1337CSRI Datasheet HTML 5Page - Integrated Device Technology 1337CSRI Datasheet HTML 6Page - Integrated Device Technology 1337CSRI Datasheet HTML 7Page - Integrated Device Technology 1337CSRI Datasheet HTML 8Page - Integrated Device Technology 1337CSRI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
IDT1337
REA LTIME CLOCK WITH SERIAL INTERFACE
RTC
IDT™ REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
5
IDT1337
REV J 111009
Address Map
Table 2 (Timekeeper Registers) shows the address map for the IDT1337 registers. During a multibyte access, when the
address pointer reaches the end of the register space (0Fh), it wraps around to location 00h. On an I2C START, STOP, or
address pointer incrementing to location 00h, the current time is transferred to a second set of registers. The time
information is read from these secondary registers, while the clock may continue to run. This eliminates the need to re-read
the registers in case of an update of the main registers during a read.
Table 1. Timekeeper Registers
Note: Unless otherwise specified, the state of the registers are not defined when power is first applied or when VCC falls below the
VCCT
min
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Function
Range
00h
0
10 seconds
Seconds
Seconds
00 - 59
01h
0
10 minutes
Minutes
Minutes
00 - 59
02h
0
12/24
AM/PM
10 hour
Hour
Hours
1 - 12 +
AM/PM
00 - 23
10 hour
03h
0
0000
Day
Day
1 - 7
04h
0
0
10 date
Date
Date
01 - 31
05h
Century
0
0
10 month
Month
Month/Century
01 - 12 +
Century
06h
10 year
Year
Year
00 - 99
07h
A1M1
10 seconds
Seconds
Alarm 1
Seconds
00 - 59
08h
A1M2
10 minutes
Minutes
Alarm 1
Minutes
00 - 59
09h
A1M3
12/24
AM/PM
10 hour
Hour
Alarm 1 Hours
1 - 12 +
AM/PM
00 - 23
10 hour
0Ah
A1M4
DY/DT
10 date
Day,
Alarm 1 Day
1 - 7
Date
Alarm 1 Date
1 - 31
0Bh
A2M2
10 minutes
Minutes
Alarm 2
Minutes
00 - 59
0Ch
A2M3
12/24
AM/PM
10 hour
Hour
Alarm 2 Hours
1 - 12 +
AM/PM
00 - 23
10 hour
0Dh
A2M4
DY/DT
10 date
Day,
Alarm 2 Day
1 - 7
Date
Alarm 2 Date
1 - 31
0Eh
EOSC
0
0
RS2
RS1
INTCN
A2IE
A1IE
Control
0Fh
OSF
00000
A2F
A1F
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com