Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1337CSRI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 1337CSRI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1337CSRI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 1337CSRI Datasheet HTML 3Page - Integrated Device Technology 1337CSRI Datasheet HTML 4Page - Integrated Device Technology 1337CSRI Datasheet HTML 5Page - Integrated Device Technology 1337CSRI Datasheet HTML 6Page - Integrated Device Technology 1337CSRI Datasheet HTML 7Page - Integrated Device Technology 1337CSRI Datasheet HTML 8Page - Integrated Device Technology 1337CSRI Datasheet HTML 9Page - Integrated Device Technology 1337CSRI Datasheet HTML 10Page - Integrated Device Technology 1337CSRI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
IDT1337
REA LTIME CLOCK WITH SERIAL INTERFACE
RTC
IDT™ REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
7
IDT1337
REV J 111009
Table 2. Alarm Mask Bits
Special-Purpose Registers
The IDT1337 has two additional registers (control and status) that control the RTC, alarms, and square-wave output.
Control Register (0Eh)
Bit 7: Enable Oscillator (EOSC). This active-low bit when set to logic 0 starts the oscillator. When this bit is set to
a logic 1, the oscillator is stopped. This bit is enabled (logic 0) when power is first applied.
Bits 4 and 3: Rate Select (RS2 and RS1). These bits control the frequency of the square-wave output when the
square wave has been enabled. Table 3 shows the square-wave frequencies that can be selected with the RS bits.
These bits are both set to logic 1 (32 kHz) when power is first applied.
Table 3. SQW/INT Output
DY/DT
Alarm 1 Register Mask Bits (Bit 7)
Alarm Rate
A1M4
A1M3
A1M2
A1M1
X
1111
Alarm once per second.
X
1110
Alarm when seconds match.
X
1100
Alarm when minutes and seconds match.
X
1000
Alarm when hours, minutes, and seconds match.
0
0000
Alarm when date, hours, minutes, and seconds match.
1
0000
Alarm when day, hours, minutes, and seconds match.
DY/DT
Alarm 2 Register Mask Bits (Bit 7)
Alarm Rate
A2M4
A2M3
A2M2
X
1
1
1
Alarm once per minute (00 seconds of every minute).
X
1
1
0
Alarm when minutes match.
X
1
0
0
Alarm when hours and minutes match.
0
0
0
0
Alarm when date, hours, and minutes match.
1
0
0
0
Alarm when day, hours, and minutes match.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EOSC
0
0
RS2
RS1
INTCN
A2IE
A1IE
INTCN
RS2
RS1
SQW/INTB Output
A2IE
00
0
1 Hz
X
0
0
1
4.096 kHz
X
0
1
0
8.192 kHz
X
0
1
1
32.768 kHz
X
1X
X
A2F
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com