Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1337CSRI Datasheet(PDF) 12 Page - Integrated Device Technology

Part # 1337CSRI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1337CSRI Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button 1337CSRI Datasheet HTML 8Page - Integrated Device Technology 1337CSRI Datasheet HTML 9Page - Integrated Device Technology 1337CSRI Datasheet HTML 10Page - Integrated Device Technology 1337CSRI Datasheet HTML 11Page - Integrated Device Technology 1337CSRI Datasheet HTML 12Page - Integrated Device Technology 1337CSRI Datasheet HTML 13Page - Integrated Device Technology 1337CSRI Datasheet HTML 14Page - Integrated Device Technology 1337CSRI Datasheet HTML 15Page - Integrated Device Technology 1337CSRI Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
IDT1337
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
RTC
IDT™ REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
12
IDT1337
REV J 111009
Handling, PCB Layout, and Assembly
The IDT1337 package contains a quartz tuning-fork crystal. Pick-and-place equipment may be used, but precautions should
be taken to ensure that excessive shocks are avioded. Ultarsonic cleaning equipment should be avioded to prevent damage
to the crystal.
Avoid running signal traces under the package, unless a ground plane is placed between the package and the signal line.
All NC (no connect) pins must be connected to ground.
Moisture-sensitive packages are shipped from the factory dry-packed. Handling instructions listed on the package label must
be followed to prevent damage during reflow. Refer to the IPC/JEDEC J-STD-020 standard for moisture-sensitive device
(MSD) classifications.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the IDT1337. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended DC Operating Conditions
Item
Rating
Voltage Range (on any pin relative to ground)
-0.3 V to +6.0 V
Storage Temperature
-55 to +125
° C
Soldering Temperature
260
° C
Ambient Operating Temperature
-40 to +85°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
VCC Supply Voltage
VCC
Full operation
1.8
3.3
5.5
V
VCCT
Timekeeping
1.3
1.8
V
Ambient Operating Temperature
TA
-40
+85
° C
Logic 1
VIH
SCL, SDA
0.7VCC
VCC + 0.3
V
INTA, SQW/INTB
5.5
Logic 0
VIL
-0.3
+0.3VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com