Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1337CSRI Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 1337CSRI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1337CSRI Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 1337CSRI Datasheet HTML 9Page - Integrated Device Technology 1337CSRI Datasheet HTML 10Page - Integrated Device Technology 1337CSRI Datasheet HTML 11Page - Integrated Device Technology 1337CSRI Datasheet HTML 12Page - Integrated Device Technology 1337CSRI Datasheet HTML 13Page - Integrated Device Technology 1337CSRI Datasheet HTML 14Page - Integrated Device Technology 1337CSRI Datasheet HTML 15Page - Integrated Device Technology 1337CSRI Datasheet HTML 16Page - Integrated Device Technology 1337CSRI Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
IDT1337
REA LTIME CLOCK WITH SERIAL INTERFACE
RTC
IDT™ REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
13
IDT1337
REV J 111009
DC Electrical Characteristics
Unless stated otherwise, VCC = 1.8 V to 5.5 V, Ambient Temperature -40 to +85
° C, Note 1
DC Electrical Characteristics
Unless stated otherwise, VCC = 1.3 V to 1.8 V, Ambient Temperature -40 to +85
° C, Note 1
AC Electrical Characteristics
Unless stated otherwise, VCC = 1.8 V to 5.5 V, Ambient Temperature -40 to +85
° C, Note 1
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Leakage
ILI
Note 2
-1
+1
µA
I/O Leakage
ILO
Note 3
-1
+1
µA
Logic 0 Output
VOL = 0.4 V
IOL
Note 3
3
mA
Active Supply Current
ICCA
Note 4
150
µA
Standby Current
ICCS
Notes 5, 6
1.5
µA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Timekeeper Current (Oscillator
Enabled)
ICCTOSC Notes 5, 7, 8, 9
425
600
nA
Data-Retention Current (Oscillator
Disabled)
ICCTDDR Notes 5, 9
100
nA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
SCL Clock Frequency
fSCL
Fast Mode
100
400
kHz
Standard Mode
0
100
Bus Free Time Between a STOP and
START Condition
tBUF
Fast Mode
1.3
µs
Standard Mode
4.7
Hold Time (Repeated) START
Condition, Note 10
tHD:STA
Fast Mode
0.6
µs
Standard Mode
4.0
Low Period of SCL Clock
tLOW
Fast Mode
1.3
µs
Standard Mode
4.7
High Period of SCL Clock
tHIGH
Fast Mode
0.6
µs
Standard Mode
4.0
Setup Time for a Repeated START
Condition
tSU:STA
Fast Mode
0.6
µs
Standard Mode
4.7
Data Hold Time, Notes 11, 12
tHD:DAT
Fast Mode
0
0.9
µs
Standard Mode
0
Data Setup Time, Note 13
tSU:DAT
Fast Mode
100
ns
Standard Mode
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com