Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1337CSRI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 1337CSRI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1337CSRI Datasheet(HTML) 1 Page - Integrated Device Technology

  1337CSRI Datasheet HTML 1Page - Integrated Device Technology 1337CSRI Datasheet HTML 2Page - Integrated Device Technology 1337CSRI Datasheet HTML 3Page - Integrated Device Technology 1337CSRI Datasheet HTML 4Page - Integrated Device Technology 1337CSRI Datasheet HTML 5Page - Integrated Device Technology 1337CSRI Datasheet HTML 6Page - Integrated Device Technology 1337CSRI Datasheet HTML 7Page - Integrated Device Technology 1337CSRI Datasheet HTML 8Page - Integrated Device Technology 1337CSRI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DATASHEET
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
IDT1337
IDT™ REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
1
IDT1337
REV J 111009
General Description
The IDT1337 device is a low power serial real-time clock
(RTC) device with two programmable time-of-day alarms
and a programmable square-wave output. Address and
data are transferred serially through an I2C bus. The device
provides seconds, minutes, hours, day, date, month, and
year information. The date at the end of the month is
automatically adjusted for months with fewer than 31 days,
including corrections for leap year. The clock operates in
either the 24-hour or 12-hour format with AM/PM indicator.
Applications
• Telecommunication (Routers, Switches, Servers)
• Handhelds (GPS, POS terminals, MP3 players)
• Set-Top Box, Digital Recording,
• Office (Fax/Printers, Copiers)
• Medical (Glucometer, Medicine Dispensers)
• Other (Thermostats, Vending Machines, Modems, Utility
Meters, Digital Photo Frame devices)
Features
• Real-Time Clock (RTC) counts seconds, minutes, hours,
day, date, month, and year with leap-year compensation
valid up to 2100
• Packaged in 8-pin MSOP, 8-pin SOIC, or 16-pin SOIC
(surface-mount package with an integrated crystal)
• I2C Serial interface (Normal and Fast modes)
• Two time-of-day alarms
• Oscillator Stop Flag
• Programmable square-wave output defaults to 32 kHz on
power-up
• Operating voltage of 1.8 to 5.5 V
• Industrial temperature range (-40 to +85°C)
Block Diagram
SCL
SDA
Crystal inside package
for 16-pin SOIC ONLY
X1
X2
1 Hz/4.096 kHz/
8.192 kHz/32.768 kHz
SQW/INTB
I
2C
Interface
32.768 kHz
Oscillator and
Divider
Control
Logic
MUX/
Buffer
Clock,
Calendar
Counter
1 Byte
Control
7 Bytes
Buffer
Alarm
Registers
INTA
VCC
GND


Similar Part No. - 1337CSRI

ManufacturerPart #DatasheetDescription
logo
Heyco.
1337 HEYCO-1337 Datasheet
130Kb / 1P
Strain Relief Mounting Hole Punches
13370 HEYCO-13370 Datasheet
90Kb / 1P
Blunt Rivets
13370 HEYCO-13370 Datasheet
90Kb / 1P
Blunt Rivets
logo
PHOENIX CONTACT
1337009 PHOENIX-1337009 Datasheet
472Kb / 9P
FR 1,27/ 6-FH - SMD female connectors
logo
ERNI Electronics
133701 ERNI-133701 Datasheet
41Kb / 1P
MOD JACK - MJLS
More results

Similar Description - 1337CSRI

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
I2C Serial Real-Time Clock
REV: 092006
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
I2C Serial Real-Time Clock
7/09
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Maxim Integrated Produc...
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
I2C Serial Real-Time Clock
Rev 4/11
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
April 1, 2012
logo
Renesas Technology Corp
IDT1337AG RENESAS-IDT1337AG Datasheet
401Kb / 27P
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
REV D 071417
IDT1339 RENESAS-IDT1339 Datasheet
488Kb / 27P
REAL-TIME CLOCK WITH SERIAL I2C INTERFACE IDT1339
REV S 031014
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com