Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1337CSRI Datasheet(PDF) 22 Page - Integrated Device Technology

Part # 1337CSRI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1337CSRI Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button 1337CSRI Datasheet HTML 16Page - Integrated Device Technology 1337CSRI Datasheet HTML 17Page - Integrated Device Technology 1337CSRI Datasheet HTML 18Page - Integrated Device Technology 1337CSRI Datasheet HTML 19Page - Integrated Device Technology 1337CSRI Datasheet HTML 20Page - Integrated Device Technology 1337CSRI Datasheet HTML 21Page - Integrated Device Technology 1337CSRI Datasheet HTML 22Page - Integrated Device Technology 1337CSRI Datasheet HTML 23Page - Integrated Device Technology 1337CSRI Datasheet HTML 24Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
IDT1337
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
RTC
IDT™ REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
22
IDT1337
REV J 111009
Revision History
Rev.
Originator
Date
Description of Change
A
S. Sharma
06/26/07
New device. Preliminary release.
B
J. Sarma
10/31/07
Added 8-pin SOIC package and ordering info.
C
J. Sarma
01/16/08
Updates to Pin Descriptions, load capacitance, Timekeeper Registers table, and
Recommended DC Operating Conditions table.
D
J. Sarma
03/03/08
Added top-side device markings.
E
J. Sarma
03/18/08
Revised top-side markings.
F
J. Sarma
03/28/08
Added new note to Part Ordering information pertaining to RoHS compliance and Pb-free
devices.
G
J. Sarma
05/19/08
Changed the part number for the RoHS compliant 16pin SOIC package with Xtals for
IDT1337CSOGI to IDT1337CSRI
H
J. Sarma
12/02/08
Updated Block diagram, Pin descriptions, Typical Operating Circuit diagram, Detailed
Description section, Typical Operating Characteristics graphs.
J
11/10/09
Added “Handling, PCB Layout, and Assembly” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com