Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1337CSRI Datasheet(PDF) 21 Page - Integrated Device Technology

Part # 1337CSRI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1337CSRI Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button 1337CSRI Datasheet HTML 16Page - Integrated Device Technology 1337CSRI Datasheet HTML 17Page - Integrated Device Technology 1337CSRI Datasheet HTML 18Page - Integrated Device Technology 1337CSRI Datasheet HTML 19Page - Integrated Device Technology 1337CSRI Datasheet HTML 20Page - Integrated Device Technology 1337CSRI Datasheet HTML 21Page - Integrated Device Technology 1337CSRI Datasheet HTML 22Page - Integrated Device Technology 1337CSRI Datasheet HTML 23Page - Integrated Device Technology 1337CSRI Datasheet HTML 24Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
IDT1337
REA LTIME CLOCK WITH SERIAL INTERFACE
RTC
IDT™ REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
21
IDT1337
REV J 111009
Package Outline and Package Dimensions (16-pin SOIC, 300 mil Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
The 1337C packages are RoHS compliant. Packages without the integrated crystal are Pb-free; packages that include the
integrated crystal (as designated with a “C” before the two-letter package code) may include lead that is exempt under RoHS
requirements. The lead finish is JESD91 category e3.
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes
no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No
other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications
such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT
does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
1337DVGI
see page 18
Tubes
8-pin MSOP
-40 to +85
° C
1337DVGI8
Tape and Reel
8-pin MSOP
-40 to +85
° C
1337CSRI
Tubes
16-pin SOIC
-40 to +85
° C
1337CSRI8
Tape and Reel
16-pin SOIC
-40 to +85
° C
1337DCGI
Tubes
8-pin SOIC
-40 to +85
° C
1337DCGI8
Tape and Reel
8-pin SOIC
-40 to +85
° C
INDEX
AREA
1 2
16
D
E1
E
SEATING
PLANE
A
1
A
A
2
e
- C -
b
aaa
C
c
L
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A
--
2.65
--
0.104
A1
0.10
--
0.0040
--
A2
2.05
2.55
0.081
0.100
b
0.33
0.51
0.013
0.020
c
0.18
0.32
0.007
0.013
D
10.10
10.50
0.397
0.413
E
10.00
10.65
0.394
0.419
E1
7.40
7.60
0.291
0.299
e
1.27 Basic
0.050 Basic
L
0.40
1.27
0.016
0.050
α
0
°
8
°
0
°
8
°
aaa
-
0.10
-
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com