Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8543 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 4 Page - Texas Instruments

  LP8543 Datasheet HTML 1Page - Texas Instruments LP8543 Datasheet HTML 2Page - Texas Instruments LP8543 Datasheet HTML 3Page - Texas Instruments LP8543 Datasheet HTML 4Page - Texas Instruments LP8543 Datasheet HTML 5Page - Texas Instruments LP8543 Datasheet HTML 6Page - Texas Instruments LP8543 Datasheet HTML 7Page - Texas Instruments LP8543 Datasheet HTML 8Page - Texas Instruments LP8543 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LP8543
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS(1) (continued)
Pin #
Name
Type
Description
5
ALSI
I
Ambient light sensor frequency input pin. This pin must be
connected to GND if ALS is not used.
6
ALSO
O
Ambient light sensor enable output
7
FAULT
OD
Fault indication output
8
VDDIO
P
Digital IO reference voltage 1.65V to 5.5V. Needed in SMBus/I2C
and stand alone mode.
9
GND_S
G
Signal ground
10
SCLK
I
Serial clock. This pin must be connected to GND if not used.
11
SDA
I/O
Serial data. This pin must be connected to GND if not used.
12
OUT1
A
Current sink output
13
OUT2
A
Current sink output
14
OUT3
A
Current sink output
15
GND_L
G
Ground for current sink outputs
16
OUT4
A
Current sink output
17
OUT5
A
Current sink output. Can be left floating if not used.
18
OUT6
A
Current sink output. Can be left floating if not used.
19
OUT7
A
Current sink output. Can be left floating if not used.
20
ADR
I
Serial interface address selection. See SMBus/I2C Compatible Serial
Bus Interface for details. This pin must be connected to GND if not
used.
21
FB
A
Boost feedback input
22
VLDO
A
LDO output voltage. 470 nF capacitor should be connected to this
pin.
23
VIN
P
Input power supply 5.5V to 22V
24
SW
A
Boost switch
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com