Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8543 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP8543 Datasheet HTML 13Page - Texas Instruments LP8543 Datasheet HTML 14Page - Texas Instruments LP8543 Datasheet HTML 15Page - Texas Instruments LP8543 Datasheet HTML 16Page - Texas Instruments LP8543 Datasheet HTML 17Page - Texas Instruments LP8543 Datasheet HTML 18Page - Texas Instruments LP8543 Datasheet HTML 19Page - Texas Instruments LP8543 Datasheet HTML 20Page - Texas Instruments LP8543 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
LP8543
www.ti.com
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
B. PWM Input Pin Control (Duty Cycle-based)
An external PWM signal can be used to set the brightness of the Display1 group. LP8543 measures the duty
cycle of this input signal to calculate the output PWM value. Input PWM frequency can vary from 100 Hz to 25
kHz. Output PWM frequency is set by EEPROM registers.
Note: In this mode, Ambient Light compensation and PSPWM scheme can be also used.
C. PWM Control Using Brightness Register
Generation of PWM for LED strings can be based on Brightness register value. For Display1 group, this scheme
is enabled when <PWM_SEL> bit is set to 0 and <PWM_MD> is set to 1. Display2 group has the brightness
register control enabled by default. Two separate 8-bit registers Displ1 brightness and Displ2 brightness store
the brightness values for Display1 and Display2 respectively. For Display1, this 8-bit brightness value from the
register is converted to 10-bit LED PWM value using a three-part piecewise linear transfer curve as shown
below. This makes it possible to calibrate the 100% brightness and the dimming behavior. The curve coefficients
are stored in the EEPROM and are user programmable if needed. The LED PWM frequency is set by EEPROM
register.
Note: In this mode, Ambient Light compensation and PSPWM scheme can be also used.
Figure 12. Three-Segment Transfer Curve Example
D. PWM Pin and Register Control
In this mode, PWM control pin can linearly reduce the brightness of Display1 from the value set by the
Brightness Register and Ambient Light sensor. Same controls can be used as in brightness register based PWM
control. Output PWM frequency is set by EEPROM registers. This mode is compatible with Intel DPST (Display
Power Saving Technology).
Stand Alone Mode
LP8543 can be set to operate in stand alone mode, where LP8543 operates without I2C / SMBus and EN and
PWM input pins are the only controls for the device. To enable stand-alone mode, EEPROM bit
<EN_STANDALONE> must be set to 1 in register B4h. In this mode PWM pin sets the brightness and with EN
pin the backlight can be turned on. When PWM or EN input pin is permanently low, the chip is turned off. Turn off
time is typically 50 ms. When there is signal in PWM input and EN is high, the chip turns on and adjusts
brightness according to PWM signal duty cycle. All settings needed for operation like LED current, number of
LEDs etc. are obtained from EEPROM. If only one signal control is needed, the EN and PWM pin can be tied
together and PWM signal can be connected to this. Stand alone mode is useful in applications where I2C or
SMBus control is not possible or available to use.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com