Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8543 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP8543 Datasheet HTML 17Page - Texas Instruments LP8543 Datasheet HTML 18Page - Texas Instruments LP8543 Datasheet HTML 19Page - Texas Instruments LP8543 Datasheet HTML 20Page - Texas Instruments LP8543 Datasheet HTML 21Page - Texas Instruments LP8543 Datasheet HTML 22Page - Texas Instruments LP8543 Datasheet HTML 23Page - Texas Instruments LP8543 Datasheet HTML 24Page - Texas Instruments LP8543 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
LP8543
www.ti.com
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
Table 5. PWM Frequencies with Phase Shift Disabled (continued)
PWM_MODE = 0
PWM_MODE = 1
PWM_FREQ[2:0] +
PWM Frequency (Hz)
Output Frequency (Hz)
PSPWM_FREQ[1:0]
11101
19531
4808
11110
19531
9766
11111
19531
19531
Device Thermal Regulation
LP8543 has an internal temperature sensor which can be used to measure the junction temperature of the
device and protect the device from overheating. During thermal regulation, LED PWM is reduced by 4% of full
scale per °C whenever the temperature threshold is reached. I.e., with 100% PWM value the PWM goes to 0%
25°C above threshold temperature. With lower PWM start value 0% is reached earlier. Temperature regulation is
enabled automatically when the chip is enabled. 11-bit temperature value can be read from Temp MSB and
Temp LSB registers, MSB should be read first. Temperature limit can be programmed in EEPROM as shown in
the following table.
Table 6. Over Temperature Limit Settings
TEMP_LIM[1:0]
Over Temperature Limit (ºC)
00
100
01
110
10
120
11
130
Figure 15. Internal Temperature Sensor Readings
EEPROM
EEPROM memory stores various parameters for chip control. The 256 bit EEPROM memory is organized as 32
x 8 bits. The EEPROM structure consists of a SRAM front end and the Non-volatile memory (NVM). SRAM data
can be read and written through the serial interface. To erase and write NVM, separate commands need to be
sent. Erase and Write voltages are generated on-chip, no other voltages than normal input voltage are required.
A complete EEPROM memory map is shown in the chapter LP8543 EEPROM Memory Map.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com