Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8543 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 3 Page - Texas Instruments

  LP8543 Datasheet HTML 1Page - Texas Instruments LP8543 Datasheet HTML 2Page - Texas Instruments LP8543 Datasheet HTML 3Page - Texas Instruments LP8543 Datasheet HTML 4Page - Texas Instruments LP8543 Datasheet HTML 5Page - Texas Instruments LP8543 Datasheet HTML 6Page - Texas Instruments LP8543 Datasheet HTML 7Page - Texas Instruments LP8543 Datasheet HTML 8Page - Texas Instruments LP8543 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
PIN 1 ID
1
24
7
18
19
20
21
22
23
2
3
4
5
6
8
9
10
11
12
13
14
15
16
17
PIN 1 ID
1
24
7
18
19
20
21
22
23
2
3
4
5
6
8
9
10
11
12
13
14
15
16
17
MCU or
PWM
generator
LP8543
SW
FB
VLDO
GNDs
EN
ADR
VDDIO
PWM
FAULT
SCLK
SDA
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
VIN
L1
D1
10V ± 38V
5.5V ± 22V
ALSI
IF_SEL
15 PH
VIN
DISPLAY1
210 mA ± 400 mA
UP TO 60 LEDS
COUT
CIN
10 PF
4.7 PF
CVLDO
470 nF
OUT7
VDDIO reference voltage
ALSO
LP8543
www.ti.com
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
Typical Application, Stand-Alone Mode
Connection Diagrams
Figure 1. 24–pin WQFN Package Number
Figure 2. 24–pin WQFN Package Number
RTW0024A
RTW0024A
4.0 x 4.0 x 0.8mm, 0.5 mm pitch
4.0 x 4.0 x 0.8mm, 0.5 mm pitch
Bottom View
Top View
Pin Functions
PIN DESCRIPTIONS(1)
Pin #
Name
Type
Description
1
GND_SW
G
Boost ground
2
PWM
I
PWM dimming input. This pin must be connected to GND if not
used.
3
IF_SEL
I
Serial interface mode selection: IF_SEL= Low for I2C-compatible
interface and IF_SEL=High for SMBus interface.
4
EN
I
Enable input pin
(1)
A: Analog Pin, G: Ground Pin, P: Power Pin, I: Input Pin, I/O: Input/Output Pin, O: Output Pin, OD: Open Drain Pin
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com