Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8543 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP8543 Datasheet HTML 12Page - Texas Instruments LP8543 Datasheet HTML 13Page - Texas Instruments LP8543 Datasheet HTML 14Page - Texas Instruments LP8543 Datasheet HTML 15Page - Texas Instruments LP8543 Datasheet HTML 16Page - Texas Instruments LP8543 Datasheet HTML 17Page - Texas Instruments LP8543 Datasheet HTML 18Page - Texas Instruments LP8543 Datasheet HTML 19Page - Texas Instruments LP8543 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
LP8543
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
www.ti.com
Output Grouping
LP8543 features a total of 7 strings (OUT1-OUT7), which can be arranged into 2 groups (Display1 and Display2).
Display1 refers to backlighting for main display and Display2 refers to lighting for a sub display. Number of
outputs used for Display1 can be defined using EEPROM register bits, as shown in the table below. LP8543
supports a minimum of 4 strings and a maximum of 7 strings for Display1. Outputs must be used in order starting
from OUT1. Unused outputs can be left open. When needed OUT7 can be configured for Display2 and it has its
own current and PWM control registers for independent control. EEPROM default factory setting is 6 outputs for
Display1 and OUT7 for Display2.
Table 1. Output Configurations
OUTPUT_CONF[1:0]
Outputs for Display1
Outputs for Display2
00
OUT1-OUT4
OUT7
01
OUT1-OUT5
OUT7
10
OUT1-OUT6
OUT7
11
OUT1-OUT7
-
LED Current Control
Two 8-bit EEPROM registers, Display1 current and Display2 current (addresses B0H and B1H) hold the
default LED string current for the Display1 and Display2 groups respectively. The default values are read from
EEPROM when the chip is activated. When required the LED current can be adjusted also in the registers
Display1 and Display2 current (addresses 05H and 06H). Use of this register is enabled by setting bit 1 in
Config2 register. Default value for <CURRENT SEL> bit is 0, which means that current values in EEPROM are
used. Current control range is linear from 0 to 60 A with 0.23 mA step. Factory default current for Display1 and
Display2 is 20 mA.
LED On/Off Control
LED strings can be activated with 100% PWM by writing <DRV[7:0]> bits high. All these controls are in Direct
control register.
PWM Control Selection
PWM control of the LED strings can be established through 4 combinations of user configurable options as
shown in the table below. <PM_MD> and <PWM_SEL> bits are part of Config1 Register.
Default setting is external PWM input signal. Each of the option is explained in the following sections.
Table 2. PWM Control Selection
PWM_MD
PWM_SEL
PWM source
1
1
PWM input (Direct control)
0
1
PWM input pin (Duty cycle based), default
1
0
Brightness register
0
0
PWM input pin (Duty cycle based) and Brightness register
In addition Ambient light sensor (when used) and on-chip temperature regulation also influence the output PWM
control. This is described later.
A. Direct PWM Input Control
Display1 group can be directly controlled with external PWM signal (bypassing all the PWM logic) by setting
<PWM_MD> and <PWM_SEL> bits high. Outputs will be active when the PWM input pin is high, and when the
input is low the outputs will be off. Input PWM frequency can vary from 100 Hz to 25 kHz. Display2 is not
controlled with this signal.
Note: In this mode, Ambient Light sensor and PSPWM scheme do not influence the output PWM.
16
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com