Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8543 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP8543 Datasheet HTML 14Page - Texas Instruments LP8543 Datasheet HTML 15Page - Texas Instruments LP8543 Datasheet HTML 16Page - Texas Instruments LP8543 Datasheet HTML 17Page - Texas Instruments LP8543 Datasheet HTML 18Page - Texas Instruments LP8543 Datasheet HTML 19Page - Texas Instruments LP8543 Datasheet HTML 20Page - Texas Instruments LP8543 Datasheet HTML 21Page - Texas Instruments LP8543 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
LED string
1
LED string
2
LED string
3
LED string
4
LED string
5
LED string
6
Time
New PWM
value
LP8543
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
www.ti.com
Ambient Light Compensation
LP8543 supports an external ambient light sensor to control the backlight brightness (Display1) and its usage is
controlled with two bits in the Config2 register, namely <ALSO_EN> and <ALSO_CALC_EN>. <ALSO_EN> bit
controls enabling/disabling of the sensor itself, and <ALSO_CALC_EN> bit determines whether the ALS
measurement data will be used by an external processor (Host) or by LP8543’s internal control logic to control
the brightness.
If <ALSO_EN> bit is 1 the ALSO output pin is set high and the input frequency measuring is enabled. Frequency
is measured for 500 ms, and the result is divided with 10-bit prescaler (defined in EEPROM), resulting in a 10-bit
value. This 10-bit result can be read from ALS MSB and ALS LSB registers. ALS MSB register must be read
first followed by ALS LSB register. If ALS_CALC_EN bit is set to 0, then the measurement data is not used by
LP8543’s internal PWM logic but left for the host to adjust the brightness.
On the other hand if the ALS_CALC_EN bit is set to 1, ALS measurement result will control backlight brightness
in all but direct external PWM control mode. The measured ALS value is converted to PWM value using a three
segment linear curve. The calculated PWM value is used as a multiplier for the LED PWM value obtained from
brightness register, PWM input pin or combination of both depending which mode is selected. The conversion
curve parameters are stored in EEPROM memory. Conversion curve is similar as in PWM control.
Smoothing filter is used to prevent rapid changes. Smoothing filter has EEPROM programmable slopes from 0 to
2s. The slope defines the time it takes to change brightness from one value to next. Slope control can be also
used to smooth changes to backlight brightness caused by other PWM controls (brightness register or external
PWM input).
Table 3. Slope Selections
SLOPE_SEL[1:0]
Slope
00
130 ms
01
0.5s
10
1.0s
11
2s
ALSO output can be used as GPO if not used for ALS control. ALSO pin state is then controlled with
<ALSO_EN> register bit.
Phase Shift PWM (PSPWM)
PSPWM improves the system efficiency by optimizing the boost converter voltage on a cycle by cycle basis
instead of maintaining a constant voltage based on the highest VF string. PSPWM scheme can be used for
Display1 group. Phase shift PWM control principle is illustrated in the picture below using an example of 6 string
implementation and 41.7% brightness setting. In a 6-string implementation, each of the string supports a
maximum of 16.67% (1/6) of the total backlight brightness. The brightness set value in this example is 41.7%.
Hence two strings are fully on (2 x 16.67% = 33.33%) and one string is 50% on (0.5 x 16.67% = 8.34%). This
pattern of two 100% and one 50% strings is then cycled through all 6 output strings. After 6 cycles the brightness
value is changed to 83.33%, resulting in 5 LEDs fully on (5 x 16.67%).
Figure 13. Principle of the PSPWM Operation
18
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com