Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8543 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 1 Page - Texas Instruments

  LP8543 Datasheet HTML 1Page - Texas Instruments LP8543 Datasheet HTML 2Page - Texas Instruments LP8543 Datasheet HTML 3Page - Texas Instruments LP8543 Datasheet HTML 4Page - Texas Instruments LP8543 Datasheet HTML 5Page - Texas Instruments LP8543 Datasheet HTML 6Page - Texas Instruments LP8543 Datasheet HTML 7Page - Texas Instruments LP8543 Datasheet HTML 8Page - Texas Instruments LP8543 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LP8543
www.ti.com
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
SMBus/I2C Controlled WLED Driver for Medium-Sized LCD Backlight
Check for Samples: LP8543
1
FEATURES
DESCRIPTION
The LP8543 is a white LED driver with integrated
2
•
High-Voltage DC/DC Boost Converter with
boost converter. It has 7 adjustable current sinks
Integrated FET
which can be controlled by SMBus or I2C-compatible
•
5.5V to 22V Input Voltage Range to Support 2x,
serial interface, PWM input and Ambient Light Sensor
3x and 4x Li-Ion Batteries.
(ALS).
•
PWM Phase Shift Control with Adaptive Boost
The boost converter has adaptive output voltage
Output to Increase Efficiency Compared to
control based on the LED driver voltages. This
Conventional Boost Converters Topologies
feature
minimizes
the
power
consumption
by
•
PWM Brightness Control for Single Wire
adjusting the voltage to lowest sufficient level in all
conditions. Phase Shift PWM dimming offers further
Control and Stand-Alone Use
power saving especially when there is poor matching
•
Digital Ambient Light Sensor Interface with
in the forward voltages of the LED strings. Boost
User-Programmed Ambient Light to Backlight
voltage
can
also
be
controlled
through
the
Brightness Curve
SMBus/I2C.
•
Easy-to-Use EEPROM Calibration for Current,
Internal EEPROM stores the data for backlight
Intensity and Ambient Light Response Setting
brightness and ambient light sensor calibration.
•
Seven LED Drivers with LED Fault
Brightness can be calibrated during the backlight unit
(Short/open) Detection
production so that all units produce the same
brightness. EEPROM also stores the coefficients for
•
Eight-Bit LED Current Control
the LED control equations and the default LED
•
Internal Thermal Protection and Backlight
current value. LED current has 8–bit adjustment from
Safety Dimming Feature
0 to 60 mA.
•
Two Wire, SMBus/ I2C-Compatible Control
The LP8543 has several safety and diagnostic
Interface
features. Low-input voltage detection turns the chip
•
Low-Input Voltage Detection and Shutdown
off if the system gets stuck and battery fully
discharges. Input voltage detection threshold is
•
Minimum Number of External Components
adjustable
for
different
battery
configurations.
•
WQFN 24-Pin Package, 4 x 4 x 0.8 mm
Thermal
regulation
reduces
backlight
brightness
above a set temperature. LED fault detection reports
APPLICATIONS
open or LED short fault. Boost over-current fault
•
Medium Sized (>10 inches) LCD Display
detection protects the chip in case of over-current
event.
Backlight
•
LED Lighting
LP8543 is available in the WQFN 24-pin package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP8543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8543 TI1-LP8543 Datasheet
650Kb / 36P
SMBus/I2C Controlled WLED Driver for Medium-Sized LCD Backlight
LP8543SQX TI1-LP8543SQX Datasheet
650Kb / 36P
SMBus/I2C Controlled WLED Driver for Medium-Sized LCD Backlight
More results

Similar Description - LP8543

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1210 ANALOGICTECH-AAT1210 Datasheet
716Kb / 23P
High Power DC/DC Boost Converter with Optional Dynamic Voltage Programming
logo
Texas Instruments
TPS61080 TI-TPS61080 Datasheet
911Kb / 25P
HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
logo
Semtech Corporation
SC419 SEMTECH-SC419 Datasheet
579Kb / 24P
EcoSpeedTM DC-DC Converter with Integrated Boost Diode
logo
Sanyo Semicon Device
LV56351HA SANYO-LV56351HA Datasheet
206Kb / 9P
1ch DC/DC boost converter
logo
Texas Instruments
TPS61081DRCTG4 TI1-TPS61081DRCTG4 Datasheet
1Mb / 27P
HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
logo
ON Semiconductor
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
1ch DC/DC boost converter
August, 2013
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
Boost Converter with Integrated FET
logo
Seiko Instruments Inc
S8821 SII-S8821 Datasheet
1Mb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
logo
SHOUDING Shouding Semic...
SD6304 SHOUDING-SD6304 Datasheet
2Mb / 12P
High efficiency synchronous boost DC-DC converter
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com