Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8543 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP8543 Datasheet HTML 29Page - Texas Instruments LP8543 Datasheet HTML 30Page - Texas Instruments LP8543 Datasheet HTML 31Page - Texas Instruments LP8543 Datasheet HTML 32Page - Texas Instruments LP8543 Datasheet HTML 33Page - Texas Instruments LP8543 Datasheet HTML 34Page - Texas Instruments LP8543 Datasheet HTML 35Page - Texas Instruments LP8543 Datasheet HTML 36Page - Texas Instruments LP8543 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
LP8543
www.ti.com
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
Example using above equations:
•
VIN = 12V
•
VOUT = 38V
•
IOUT = 400 mA
•
L = 15 µH
− 20% = 12 µH
•
f = 1.25 MHz
•
ISAT = 1.6A
As a result the inductor should be selected according to the ISAT. A more conservative and recommended
approach is to choose an inductor that has a saturation current rating greater than the maximum current limit of
0.9...2.5A (programmed to EEPROM). Maximum current limit needed for the application can be approximated
with calculations above. A 15
μH inductor with a saturation current rating of 2.5A is recommended for most
applications. The inductor’s resistance should be less than 300 m
Ω for good efficiency. For high efficiency
choose an inductor with high frequency core material such as ferrite to reduce core losses. To minimize radiated
noise, use shielded core inductor. Inductor should be placed as close to the SW pin and the IC as possible.
Special care should be used when designing the PCB layout to minimize radiated noise and to get good
performance from the boost converter.
Output Capacitor
A ceramic capacitor with 50V voltage rating or higher is recommended for the output capacitor. The DC-bias
effect can reduce the effective capacitance by up to 80%, which needs to be considered in capacitance value
selection. For light loads (<100 mA) 4.7 µF capacitor is sufficient. For maximum output voltage/current 10 µF
capacitor (4 uF effective capacitance @ 38V) is recommended to reduce the output ripple. Small 33 pF capacitor
is recommended to use in parallel with the output capacitor to suppress high frequency noise.
LDO Capacitor
A 470 nF ceramic capacitor with 10V voltage rating is recommended for the LDO capacitor.
Output Diode
A schottky diode should be used for the output diode. Peak repetitive current should be greater than inductor
peak current (0.9...2.5A) to ensure reliable operation. Average current rating should be greater than the
maximum output current. Schottky diodes with a low forward drop and fast switching speeds are ideal for
increasing efficiency in portable applications. Choose a reverse breakdown voltage of the Schottky diode
significantly larger (~60V) than the output voltage. Do not use ordinary rectifier diodes, since slow switching
speeds and long recovery times cause the efficiency and the load regulation to suffer.
Ambient Light Sensor
LP8543 uses light-to-frequency type ambient light sensor. Suitable frequency range for ALS is 200 Hz to 2 MHz.
Table 14. LP8543 Register Map
ADDR
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
00H
Display1 PWM
DISP1_PWM[7:0]
1111 1111
01H
Config1
PWM_MD
PWM_SEL
BL_CTL
0000 0000
OV_CUR
THRM_SH
02H
Status
2_CH_SD
1_CH_SD
BL_STAT
FAULT
0000 0000
R
DN
LED_PAN
03H
Identification
MFG[3:0]
REV[2:0]
1111 1001
EL
04H
Output Control
OUT[7:1]
0000 0000
Display1
05H
DISP1_CURRENT[7:0]
0000 0000
Current
Display2
06H
DISP2_CURRENT[7:0]
0000 0000
Current
BOOST_A
EN_BOO
07H
Boost Control
VPROG[4:0]
0110 0000
UTO
ST
08H
Display2 PWM
DISP2_PWM[7:0]
0000 0000
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com