Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8543 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP8543 Datasheet HTML 8Page - Texas Instruments LP8543 Datasheet HTML 9Page - Texas Instruments LP8543 Datasheet HTML 10Page - Texas Instruments LP8543 Datasheet HTML 11Page - Texas Instruments LP8543 Datasheet HTML 12Page - Texas Instruments LP8543 Datasheet HTML 13Page - Texas Instruments LP8543 Datasheet HTML 14Page - Texas Instruments LP8543 Datasheet HTML 15Page - Texas Instruments LP8543 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
LP8543
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
www.ti.com
FUNCTIONAL OVERVIEW
The LP8543 is a high-voltage LED driver for medium-sized LCD backlight applications. It includes 38V boost
converter, 7 current sink outputs for the backlight and an interface for digital Ambient Light Sensor (ALS).
LP8543 can be controlled through SMBus or I2C serial interface or PWM input. Light-to-frequency type ambient
light sensor can be directly connected to LP8543 and the sensor response vs. LED brightness curve can be
programmed in the on-chip EEPROM memory.
LP8543 differs from conventional LED drivers due to following advanced features.
1. PHASE SHIFT PWM FEATURE
–
LP8543 supports a state-of-the-art feature called Phase Shift PWM (PSPWM). Key advantages of the
PSPWM is improved power efficiency when there is variation in the forward voltages amongst the LED
strings. Due to an unmatched LED VF there is a random difference in each string forward voltage.
PSPWM optimizes the boost converter output voltage by turning off LED outputs periodically. The lower
the brightness, the more strings can be simultaneously off. When the strings with higher forward voltages
are turned off, the boost voltage is automatically lowered thereby improving efficiency. The second benefit
of PSPWM control is that it will make the boost and battery loading more constant. In other words, the
peak current needed from the battery is greatly reduced beause not all LED outputs are simultaneously
on.
2. PROGRAMMABLE OUTPUT STRINGS
–
Programmability helps display manufacturers to fit LP8543 to several sizes of displays. The number of
output strings in use is a parameter in EEPROM and can be fixed during the manufacturing process of
displays. Based on the configuration the device will automatically adjust the phase Shift PWM function for
a given number of output strings. LP8543 supports of minimum of 4 strings and a maximum of 7 strings.
In this datasheet , strings 1 through 6 are classified as Display1, and string 7 is classified as Display2.
3. INDIVIDUALLY CONTROLLED LED STRING FOR BACKSIDE DISPLAY BACKLIGHT
–
OUT7 string can be either used for main backlight or for possible back side sub display. Separate control
allows dimming through I2C interface and reduces extra components or ICs in display module.
4. LED FAULT DETECTION
–
LED fault detection enables higher yield in display manufacturing process and also makes possible to
monitor backlight faults during normal operation. Fault test detects both open circuit (string with
unconnected or open circuit LED) and short circuit of 2 or more shorted LEDs. Single LED short can also
be detected if the amount of LEDs per string and/or the VF variation are sufficiently low. Threshold levels
are EEPROM programmable. Fault information is available in the status register and in the open drain
active low FAULT output.
5. LED PWM TEMPERATURE REGULATION
–
This feature will decrease the effect of high temperature LED lifetime reduction. LP8543 reduces output
PWM of the LEDs at high temperatures and prevents overheating of the device and LEDs. Temperature
threshold can be programmed to EEPROM.
6. AMBIENT LIGHT SENSOR INTERFACE WITH USER PROGRAMMABLE CONTROL CURVE
–
Ambient light sensing reduces power consumption and it allows natural backlight in any ambient light
condition. Programmability allows display manufacturer and even end user to control sensor to backlight
control loop. By integrating this feature LP8543 reduces external component count, wiring and complexity
of the design. LP8543 supports digital light-to-frequency type sensors. Prescaler and compensation curve
can be programmed in to the EEPROM.
12
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com