Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8543 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP8543 Datasheet HTML 20Page - Texas Instruments LP8543 Datasheet HTML 21Page - Texas Instruments LP8543 Datasheet HTML 22Page - Texas Instruments LP8543 Datasheet HTML 23Page - Texas Instruments LP8543 Datasheet HTML 24Page - Texas Instruments LP8543 Datasheet HTML 25Page - Texas Instruments LP8543 Datasheet HTML 26Page - Texas Instruments LP8543 Datasheet HTML 27Page - Texas Instruments LP8543 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
PSPWM cycle
OUT1
Boost voltage
(dotted line)
String Vf
Boost
advance
adjust
1
2
4
3
5
1
Phase #
OUT2
OUT3
OUT4
OUT5
LP8543
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
www.ti.com
Adaptive Boost Control
Adaptive boost control function adjusts the boost voltage to the minimum sufficient voltage for proper LED driver
operation. When PSPWM is used the output voltage can be adjusted for every phase shift step separately except
in 19.5 kHz PSPWM mode due to timing constraints. To enable PSPWM to each phase, the <BOOST_MODE>
EEPROM bit must be 0. This enables power saving when strings have mismatch in VF voltages. The correct
voltage for each string is stored and used in predicting when the boost has to start increasing voltage for the next
step. The boost setup time can be defined with two EEPROM bits. Principle of the boost voltage adjustment with
PSPWM is illustrated below. If higher PWM value is used then more strings are on at the same time, and voltage
is adjusted based on highest VF on simultaneously active strings.
Figure 17. Boost Adaptive Voltage Control for 5–String PSPWM
When adaptive boost mode is selected the voltages across the LED drivers are constantly monitored. There are
three voltage thresholds used, Low, Mid and High. Low and High thresholds are adjustable with 3 EEPROM bits.
Low threshold range is from 0.5V to 2.25V and High threshold range is from 3 to 10V. Mid threshold is set 0.5V
above Low threshold. Threshold levels are listed in the table below. Adjustability is provided to enable adaptation
to different conditions. If there is a lot of variation between LED string VF, then higher threshold levels must be
used to avoid false fault indications. If there is low variation between LED string VF, then lower thresholds are
recommended to maintain good efficiency. Fault detection chapter describes how these thresholds are used also
for fault detection.
Table 8. LED Voltage Comparator Thresholds
EEPROM bits
Threshold (V)
LED_FAULT_THR[5:3] (HIGH comparator)
Low
High
Mid
DRV_HEADR_CTRL[2:0] (LOW comparator)
000
0.50
3
001
0.75
4
010
1.00
5
011
1.25
6
Low + 0.5V
100
1.50
7
101
1.75
8
110
2.00
9
111
2.25
10
If only one string is on at a time (Brightness value lower than 100% divided by number of strings) the voltage for
each string is adjusted so that the voltage across the driver will fall between Low and Mid threshold. If more
strings are on at the same time (high PWM value, or PSPWM not used) the situation looks like in the following
diagram. In this diagram 6 outputs are on at the same time. In normal operation voltages across all LED driver
outputs are between high and low threshold.
24
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com