Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914PCBZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9914PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914PCBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9914PCBZ Datasheet HTML 28Page - Analog Devices AD9914PCBZ Datasheet HTML 29Page - Analog Devices AD9914PCBZ Datasheet HTML 30Page - Analog Devices AD9914PCBZ Datasheet HTML 31Page - Analog Devices AD9914PCBZ Datasheet HTML 32Page - Analog Devices AD9914PCBZ Datasheet HTML 33Page - Analog Devices AD9914PCBZ Datasheet HTML 34Page - Analog Devices AD9914PCBZ Datasheet HTML 35Page - Analog Devices AD9914PCBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
AD9914
Data Sheet
Rev. C | Page 32 of 48
SDO—Serial Data Out
Data is read from this pin for protocols that use separate lines
for transmitting and receiving data. When the AD9914 operates
in single bidirectional I/O mode, this pin does not output data
and is set to a high impedance state.
SYNCIO—Input/Output Reset
SYNCIO synchronizes the I/O port state machines without
affecting the contents of the addressable registers. An active
high input on the SYNCIO pin causes the current communication
cycle to abort. After SYNCIO returns low (Logic 0), another
communication cycle can begin, starting with the instruction
byte write.
I/O_UPDATE—Input/Output Update
The I/O update initiates the transfer of written data from the
serial or parallel I/O port buffer to active registers. I/O_UPDATE
is active on the rising edge, and its pulse width must be greater
than one SYNC_CLK period.
SERIAL I/O TIMING DIAGRAMS
Figure 42 through Figure 45 provide basic examples of the timing
relationships between the various control signals of the serial
I/O port. Most of the bits in the register map are not transferred
to their internal destinations until assertion of an I/O update,
which is not included in the timing diagrams that follow.
Note that the SCLK stall condition between the instruction byte
cycle and data transfer cycle in Figure 42 to Figure 45 is not
required.
MSB/LSB TRANSFERS
The AD9914 serial port can support both most significant bit
(MSB) first or least significant bit (LSB) first data formats. This
functionality is controlled by Bit 0 in CFR1 (0x00). The default
format is MSB first. If LSB first is active, all data, including the
instruction byte, must follow LSB-first convention. Note that the
highest number found in the bit range column for each register is
the MSB, and the lowest number is the LSB for that register.
Figure 42. Serial Port Write Timing, Clock Stall Low
Figure 43. 3-Wire Serial Port Read Timing, Clock Stall Low
Figure 44. Serial Port Write Timing, Clock Stall High
Figure 45. 2-Wire Serial Port Read Timing, Clock Stall High
I7
SDIO
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
CS
I6
I5
I4
I3
I2
I1
I0
D7
D6
D5
D4
D3
D2
D1
D0
DO7
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
DON'T CARE
I7
I6
I5
I4
I3
I2
I1
I0
SDIO
SCLK
CS
SDO
DO6
DO5
DO4
DO3
DO2
DO1
DO0
I7
SDIO
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
CS
I6
I5
I4
I3
I2
I1
I0
D7
D6
D5
D4
D3
D2
D1
D0
I7
SDIO
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
CS
I6
I5
I4
I3
I2
I1
I0
DO7
DO6 DO5 DO4 DO3 DO2
DO1 DO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com