Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914PCBZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9914PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914PCBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9914PCBZ Datasheet HTML 26Page - Analog Devices AD9914PCBZ Datasheet HTML 27Page - Analog Devices AD9914PCBZ Datasheet HTML 28Page - Analog Devices AD9914PCBZ Datasheet HTML 29Page - Analog Devices AD9914PCBZ Datasheet HTML 30Page - Analog Devices AD9914PCBZ Datasheet HTML 31Page - Analog Devices AD9914PCBZ Datasheet HTML 32Page - Analog Devices AD9914PCBZ Datasheet HTML 33Page - Analog Devices AD9914PCBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
AD9914
Data Sheet
Rev. C | Page 30 of 48
Furthermore, to make use of amplitude control, the user must
be sure to program the OSK enable bit in the CFR1 register
(0x00[8]) to Logic 1.
The combination of the F[3:0] pins and Bits[31:0] provides the
AD9914 with unprecedented modulation capability by allowing
the user direct control of the DDS parameters (frequency, phase,
amplitude, or various combinations thereof). Furthermore, the
parallel port operates at a sample rate equal to 1/24 of the system
sample clock. This allows for updates of the DDS parameters at
rates of up to 145 MSPS (assuming a 3.5 GHz system clock)
allowing the AD9914 to accommodate applications with
wideband modulation requirements.
Be aware that the frequency, phase, and amplitude changes applied
at the parallel port travel to the DDS core over different paths,
experiencing different propagation times (latency). Therefore,
modulating more than one DDS parameter necessitates setting
the device’s matched latency enable bit in the CFR2 register
(0x01[15]), which equalizes the latency of each DDS parameter
as it propagates from the parallel port to the DDS core. Note
that high speed modulation requires a DAC reconstruction
filter with sufficient bandwidth to accommodate the
instantaneous time domain transitions.
Because direct access to the DDS parameters occurs via the
FTW, POW, and AMP registers, the IO_UPDATE pin (see
Figure 41) adds another layer of flexibility. To accommodate
this functionality, the AD9914 provides a register control bit,
parallel port streaming enable (0x00[17]). When this bit is set
to Logic 1, the parallel port operates without the need for an
I/O update. When this bit is Logic 0, however, the device
delivers the parallel port data to the appropriate registers (FTW,
POW, AMP), but not to the DDS core. Data does not transfer to
the DDS core until the user asserts the IO_UPDATE pin.
For example, suppose that an application requires frequency and
amplitude modulation with full 32-bit frequency resolution and
full 12-bit amplitude resolution. Note that none of the F[3:0]
pin combinations supports such modulation capability directly.
To circumvent this problem, set the parallel port streaming
enable bit (0x00[17]) to Logic 0. This allows for the use of two
direct mode cycles of the 32-pin parallel port, each with a
different function pin setting, without affecting the DDS core
until assertion of the IO_UPDATE pin. That is, during the first
direct mode cycle, set the function pins to F[3:0] = 0010, which
routes all 32 bits to the FTW register (frequency). On the next
direct mode cycle, set the function pins to F[3:0] = 0100, which
provides full 12-bit access to the AMP register (amplitude). Be
aware, however, this also provides access to the POW register
(phase); therefore, be sure keep the phase bits static. Next, toggle
the IO_UPDATE pin, which synchronously transfers the new
frequency and phase values from the FTW and POW registers
to the DDS core. This mode of operation reduces the overall
modulation rate by a factor of three because it requires two
separate operations on the parallel port followed by an
IO_UPDATE. However, this still allows for modulation
sample rates as high as ~49 MSPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com