Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914PCBZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9914PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914PCBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9914PCBZ Datasheet HTML 13Page - Analog Devices AD9914PCBZ Datasheet HTML 14Page - Analog Devices AD9914PCBZ Datasheet HTML 15Page - Analog Devices AD9914PCBZ Datasheet HTML 16Page - Analog Devices AD9914PCBZ Datasheet HTML 17Page - Analog Devices AD9914PCBZ Datasheet HTML 18Page - Analog Devices AD9914PCBZ Datasheet HTML 19Page - Analog Devices AD9914PCBZ Datasheet HTML 20Page - Analog Devices AD9914PCBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Data Sheet
AD9914
Rev. C | Page 17 of 48
THEORY OF OPERATION
The AD9914 has five modes of operation.
•
Single tone
•
Profile modulation
•
Digital ramp modulation (linear sweep)
•
Parallel data port modulation
•
Programmable modulus mode
The modes define the data source used to supply the DDS with
its signal control parameters: frequency, phase, or amplitude.
The partitioning of the data into different combinations of
frequency, phase, and amplitude is established based on the
mode and/or specific control bits and function pins.
Although the various modes are described independently, they can
be enabled simultaneously. This provides an unprecedented level
of flexibility for generating complex modulation schemes. However,
to avoid multiple data sources from driving the same DDS signal
control parameter, the device has a built-in priority protocol.
In single tone mode, the DDS signal control parameters come
directly from the profile programming registers. In digital ramp
modulation mode, the DDS signal control parameters are delivered
by a digital ramp generator. In parallel data port modulation mode,
the DDS signal control parameters are driven directly into the
parallel port.
The various modulation modes generally operate on only one of
the DDS signal control parameters (two in the case of the polar
modulation format via the parallel data port). The unmodulated
DDS signal control parameters are stored in programming registers
and automatically routed to the DDS based on the selected mode.
A separate output shift keying (OSK) function is also available.
This function employs a separate digital linear ramp generator
that affects only the amplitude parameter of the DDS. The OSK
function has priority over the other data sources that can drive
the DDS amplitude parameter. As such, no other data source
can drive the DDS amplitude when the OSK function is enabled.
SINGLE TONE MODE
In single tone mode, the DDS signal control parameters are
supplied directly from the profile programming registers. A
profile is an independent register that contains the DDS signal
control parameters. Eight profile registers are available. Note
that the profile pins must be used to select the desired register.
PROFILE MODULATION MODE
Each profile is independently accessible. For FSK, PSK, or ASK
modulation, use the three external profile pins (PS[2:0]) to select
the desired profile. A change in the state of the profile pins with
the next rising edge on SYNC_CLK updates the DDS with the
parameters specified by the selected profile. Therefore, the profile
change must meet the setup and hold times to the SYNC_CLK
rising edge. Note that amplitude control must also be enabled
using the OSK enable bit in the CFR1 register (0x00[8]).
DIGITAL RAMP MODULATION MODE
In digital ramp modulation mode, the modulated DDS signal
control parameter is supplied directly from the digital ramp
generator (DRG). The ramp generation parameters are
controlled through the serial or parallel I/O port.
The ramp generation parameters allow the user to control both
the rising and falling slopes of the ramp. The upper and lower
boundaries of the ramp, the step size and step rate of the rising
portion of the ramp, and the step size and step rate of the falling
portion of the ramp are all programmable.
The ramp is digitally generated with 32-bit output resolution.
The 32-bit output of the DRG can be programmed to affect
frequency, phase, or amplitude. When programmed for frequency,
all 32 bits are used. However, when programmed for phase or
amplitude, only the 16 MSBs or 12 MSBs, respectively, are used.
The ramp direction (rising or falling) is externally controlled by
the DRCTL pin. An additional pin (DRHOLD) allows the user
to suspend the ramp generator in its present state. Note that
amplitude control must also be enabled using the OSK enable
bit in Register CFR1.
PARALLEL DATA PORT MODULATION MODE
In parallel data port modulation mode, the modulated DDS signal
control parameter(s) are supplied directly from the 32-bit parallel
data port. The function pins define how the 32-bit data-word is
applied to the DDS signal control parameters. Formatting of the
32-bit data-word is unsigned binary, regardless of the destination.
Parallel Data Clock (SYNC_CLK)
The AD9914 generates a clock signal on the SYNC_CLK pin
that runs at 1/24 of the DAC sample rate (the sample rate of the
parallel data port). SYNC_CLK serves as a data clock for the
parallel port.
PROGRAMMABLE MODULUS MODE
In programmable modulus mode, the DRG is used as an
auxiliary accumulator to alter the frequency equation of the
DDS core, making it possible to implement fractions that are
not restricted to a power of 2 in the denominator. A standard
DDS is restricted to powers of 2 as a denominator because the
phase accumulator is a set of bits as wide as the frequency
tuning word (FTW).
When in programmable modulus mode, however, the
frequency equation is:
f0 = (fS)(FTW + A/B)/232
where f0/fS < ½, 0 ≤ FTW < 231, 2 ≤ B ≤ 232 – 1, and A < B.
This equation implies a modulus of B × 232 (rather than 232, in
the case of a standard DDS). Furthermore, because B is
programmable, the result is a DDS with a programmable
modulus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com