Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914PCBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9914PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914PCBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9914PCBZ Datasheet HTML 24Page - Analog Devices AD9914PCBZ Datasheet HTML 25Page - Analog Devices AD9914PCBZ Datasheet HTML 26Page - Analog Devices AD9914PCBZ Datasheet HTML 27Page - Analog Devices AD9914PCBZ Datasheet HTML 28Page - Analog Devices AD9914PCBZ Datasheet HTML 29Page - Analog Devices AD9914PCBZ Datasheet HTML 30Page - Analog Devices AD9914PCBZ Datasheet HTML 31Page - Analog Devices AD9914PCBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
AD9914
Data Sheet
Rev. C | Page 28 of 48
PROGRAMMING AND FUNCTION PINS
The AD9914 is equipped with a 32-bit parallel port. The 32-bit
port is for programming the internal registers of the device in
either serial mode or parallel mode as well as allowing for direct
modulation control of frequency (FTW), phase (POW), and
amplitude (AMP). The state of the external function pins (F0
to F3) determines how the 32-bit parallel port is configured.
Pin 28 to Pin 31 are the function pins. Refer to Table 10 for
possible configurations.
Note that the OSK enable bit, CFR1[8], must be set to enable
amplitude control, as shown in Table 10.
Table 10. Parallel Port Configurations
Function Pins,
32-Bit Parallel Port Pin Assignment
F[3:0]1
Mode Description
Bits[31:24]2
Bits[23:16]3
Bits[15:8]4
Bits[7:0]5
0000
Parallel programming mode
Data[15:8]
(optional)
Data[7:0]
Address[7:0]
Used to control writes, reads, and
8-bit or 16-bit data-word. See the
Parallel Programming section for
details.
0001
Serial programming mode
Not used
Not used
Not used
Used to control SCLK, SDIO,
SDO, CS, and SYNCIO. See the
Serial Programming section for
details.
0010
Full 32 bits of direct frequency
tuning word control. MSB and LSB
aligned to parallel port pins
FTW[31:24]
FTW[23:16]
FTW[15:8]
FTW[7:0]
0011
Full 32 bits of direct frequency
tuning word control with different
parallel port pin assignments
FTW[15:8]
FTW[7:0]
FTW[31:24]
FTW[23:16]
0100
Full 16 bits of direct phase offset
control and full 12 bits of direct
amplitude control
POW[15:8]
POW[7:0]
AMP[11:8]
AMP[7:0]
0101
Full 12 bits of direct amplitude
control and full 16 bits of direct
phase offset control
AMP[11:8]
AMP[7:0]
POW[15:8]
POW[7:0]
0110
24 bits of partial FTW control and
8 bits of partial amplitude control
FTW[31:24]
FTW[23:16]
FTW[15:8]
AMP[15:8]
0111
24 bits of partial FTW control and
8 bits of partial phase offset control
FTW[31:24]
FTW[23:16]
FTW[15:8]
POW[15:8]
1000
24 bits of partial FTW control and
8 bits of partial amplitude control
FTW[31:24]
FTW[23:16]
FTW[15:8]
AMP[7:0]
1001
24 bits of partial FTW control and
8 bits of partial phase offset control
FTW[31:24]
FTW[23:16]
FTW[15:8]
POW[7:0]
1010
24 bits of partial FTW control and
8 bits of partial amplitude control
FTW[23:16]
FTW[15:8]
FTW[7:0]
AMP[15:8]
1011
24 bits of partial FTW control and
8 bits of partial phase offset control
FTW[23:16]
FTW[15:8]
FTW[7:0]
POW[15:8]
1100
24 bits of partial FTW control and
8 bits of partial amplitude control
FTW[23:16]
FTW[15:8]
FTW[7:0]
AMP[7:0]
1101
24 bits of partial FTW control and
8 bits of partial phase offset control
FTW[23:16]
FTW[15:8]
FTW[7:0]
POW[7:0]
1110
Not used
Not used
Not used
Not used
1111
Not used
Not used
Not used
Not used
1
Pin 31 to Pin 28.
2
Pin 68 to Pin 72, Pin 75 to 77.
3
Pin 78 to Pin 81, Pin 87, Pin 88, Pin 1, Pin 2.
4
Pin 3 to Pin 5, Pin 8 to Pin 12.
5
Pin 13 to Pin 15, Pin 18 to Pin 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com