Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914PCBZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9914PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914PCBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9914PCBZ Datasheet HTML 30Page - Analog Devices AD9914PCBZ Datasheet HTML 31Page - Analog Devices AD9914PCBZ Datasheet HTML 32Page - Analog Devices AD9914PCBZ Datasheet HTML 33Page - Analog Devices AD9914PCBZ Datasheet HTML 34Page - Analog Devices AD9914PCBZ Datasheet HTML 35Page - Analog Devices AD9914PCBZ Datasheet HTML 36Page - Analog Devices AD9914PCBZ Datasheet HTML 37Page - Analog Devices AD9914PCBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
AD9914
Data Sheet
Rev. C | Page 34 of 48
REGISTER MAP AND BIT DESCRIPTIONS
Table 14. Register Map
Register
Name (Serial
Address)
Bit Range
(Parallel
Address)
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)1
CFR1—
Control
Function
Register 1
(0x00)
[7:0]
(0x00)
Digital
power-
down
DAC
power-
down
REF CLK
input
power-
down
Open
External
power-down
control
Open
SDIO input
only
LSB first
mode
0x08
[15:8]
(0x01)
Load LRR
at I/O
update
Autoclear
digital
ramp
accumu-
lator
Autoclear
phase
accumu-
lator
Clear digital
ramp
accumulator
Clear phase
accumulator
Open
External
OSK enable
OSK
enable
0x00
[23:16]
(0x02)
Open
Parallel port
streaming
enable
Enable
sine
output
0x01
[31:24]
(0x03)
Open
VCO cal
enable
0x00
CFR2—
Control
Function
Register 2
(0x01)
[7:0]
(0x04)
Open
0x00
[15:8]
(0x05)
Matched
latency
enable
Frequency
jump
enable
DRG over
output
enable
Open
SYNC_CLK
enable
SYNC_CLK
invert
Reserved
Open
0x09
[23:16]
(0x06)
Profile
mode
enable
Parallel
data port
enable
Digital ramp destination
Digital ramp
enable
Digital
ramp no-
dwell high
Digital
ramp no-
dwell low
Program
modulus
enable
0x00
[31:24]
(0x07)
Open
0x00
CFR3—
Control
Function
Register 3
(0x02)
[7:0]
(0x08)
Open
Manual ICP
selection
ICP[2:0]
Lock
detect
enable
Minimum LDW[1:0]
0x1C
[15:8]
(0x09)
Feedback Divider N[7:0]
0x19
[23:16]
(0x0A)
Open
Input
divider
reset
Input divider[1:0]
Doubler
enable
PLL enable
PLL ref
disable
Doubler
clock edge
0x00
[31:24]
(0x0B)
Open
0x00
CFR4—
Control
Function
Register 4
(0x03)
[7:0]
(0x0C)
Requires register default value settings (0x20)
0x20
[15:8]
(0x0D)
Requires register default value settings (0x21)
0x21
[23:16]
(0x0E)
Requires register default value settings (0x05)
0x05
[31:24]
(0x0F)
Open
Auxiliary
divider
power-
down
DAC CAL
clock
power-
down
DAC CAL
enable2
0x00
Digital Ramp
Lower Limit
Register
(0x04)
[7:0]
(0x10)
Digital ramp lower limit[7:0]
0x00
[15:8]
(0x11)
Digital ramp lower limit[15:8]
0x00
[23:16]
(0x12)
Digital ramp lower limit[23:16]
0x00
[31:24]
(0x13)
Digital ramp lower limit[31:24]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com