Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914PCBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9914PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914PCBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9914PCBZ Datasheet HTML 4Page - Analog Devices AD9914PCBZ Datasheet HTML 5Page - Analog Devices AD9914PCBZ Datasheet HTML 6Page - Analog Devices AD9914PCBZ Datasheet HTML 7Page - Analog Devices AD9914PCBZ Datasheet HTML 8Page - Analog Devices AD9914PCBZ Datasheet HTML 9Page - Analog Devices AD9914PCBZ Datasheet HTML 10Page - Analog Devices AD9914PCBZ Datasheet HTML 11Page - Analog Devices AD9914PCBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
AD9914
Data Sheet
Rev. C | Page 8 of 48
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
AVDD (1.8 V), DVDD (1.8 V) Supplies
2 V
AVDD (3.3 V), DVDD_I/O (3.3 V) Supplies
4 V
Digital Input Voltage
−0.7 V to +4 V
Digital Output Current
5 mA
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Maximum Junction Temperature
150°C
Lead Temperature (10 sec Soldering)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL PERFORMANCE
Table 4.
Symbol
Description
Value1
Unit
JA
Junction-to-ambient thermal
resistance (still air) per JEDEC
JESD51-2
24.1
°C/W
JMA
Junction-to-ambient thermal
resistance (1.0 m/sec airflow)
per JEDEC JESD51-6
21.3
°C/W
JMA
Junction-to-ambient thermal
resistance (2.0 m/sec air flow)
per JEDEC JESD51-6
20.0
°C/W
JB
Junction-to-board thermal
resistance (still air) per JEDEC
JESD51-8
13.3
°C/W
JB
Junction-to-board characterization
parameter (still air) per JEDEC
JESD51-6
12.8
°C/W
JC
Junction-to-case thermal resistance
2.21
°C/W
JT
Junction-to-top-of-package
characterization parameter (still air)
per JEDEC JESD51-2
0.23
°C/W
1 Results are from simulations. PCB is JEDEC multilayer. Thermal performance
for actual applications requires careful inspection of the conditions in the
application to determine if they are similar to those assumed in these
calculations.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com