Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914PCBZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9914PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914PCBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9914PCBZ Datasheet HTML 35Page - Analog Devices AD9914PCBZ Datasheet HTML 36Page - Analog Devices AD9914PCBZ Datasheet HTML 37Page - Analog Devices AD9914PCBZ Datasheet HTML 38Page - Analog Devices AD9914PCBZ Datasheet HTML 39Page - Analog Devices AD9914PCBZ Datasheet HTML 40Page - Analog Devices AD9914PCBZ Datasheet HTML 41Page - Analog Devices AD9914PCBZ Datasheet HTML 42Page - Analog Devices AD9914PCBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Data Sheet
AD9914
Rev. C | Page 39 of 48
REGISTER BIT DESCRIPTIONS
The serial I/O port registers span an address range of 0 to 27
(0x00 to 0x1B in hexadecimal notation). This represents a total
of 28 individual serial registers. If programming in parallel mode,
the number of parallel registers increases to 112 individual parallel
registers. Additionally, the registers are assigned names according
to their functionality. In some cases, a register is given a mnemonic
descriptor. For example, the register at Serial Address 0x00 is
named Control Function Register 1 and is assigned the
mnemonic CFR1.
This section provides a detailed description of each bit in the
AD9914 register map. For cases in which a group of bits serves
a specific function, the entire group is considered a binary word
and is described in aggregate.
This section is organized in sequential order of the serial addresses
of the registers. Each subheading includes the register name and
optional register mnemonic (in parentheses). Also given is the
serial address in hexadecimal format and the number of bytes
assigned to the register.
Following each subheading is a table containing the individual
bit descriptions for that particular register. The location of the
bit(s) in the register is indicated by a single number or a pair of
numbers separated by a colon; that is, a pair of numbers (A:B)
indicates a range of bits from the most significant (A) to the
least significant (B). For example, [5:2] implies Bit Position 5 to
Bit Position 2, inclusive, with Bit 0 identifying the LSB of the
register.
Unless otherwise stated, programmed bits are not transferred to
their internal destinations until the assertion of the I/O_UPDATE
pin or a profile pin change.
Control Function Register 1 (CFR1)—Address 0x00
Table 15. Bit Description for CFR1
Bits
Mnemonic
Description
[31:25]
Open
24
VCO cal enable
1 = initializes the auto internal PLL calibration. The calibration is required if the PLL is to
provide the internal system clock. Must first be reset to Logic 0 before another calibration can
be issued.
[23:18]
Open
Open.
17
Parallel port streaming
enable
0 = the 32 bit parallel port needs an I/O update to activate or register any FTW, POW, or AMP
data presented to the 32-bit parallel port.
1 = the parallel port continuously samples data on the 32 input pins using SYNC_CLK and
multiplexes the value of FTW/POW/AMP accordingly, per the configuration of the F0 to F3 pins,
without the need of an I/O update. Data must meet the setup and hold times of the SYNC_CLK
rising edge. If the function pins are used dynamically to alter data between parameters, they
must also meet the timing of the SYNC_CLK edge.
16
Enable sine output
0 = cosine output of the DDS is selected.
1 = sine output of the DDS is selected (default).
15
Load LRR at I/O update
Ineffective unless CFR2[19] = 1.
0 = normal operation of the digital ramp timer (default).
1 = interrupts the digital ramp timer operation to load a new linear ramp rate (LRR) value any
time I/O_UPDATE is asserted or a PS[2:0] change occurs.
14
Autoclear digital ramp
accumulator
0 = normal operation of the DRG accumulator (default).
1 = the digital ramp accumulator is reset for one cycle of the DDS clock (SYNC_CLK), after
which the accumulator automatically resumes normal operation. As long as this bit remains
set, the ramp accumulator is momentarily reset each time an I/O update is asserted or a PS[2:0]
change occurs. This bit is synchronized with either an I/O update or a PS[2:0] change and the
next rising edge of SYNC_CLK.
13
Autoclear phase accumulator
0 = normal operation of the DDS phase accumulator (default).
1 = synchronously resets the DDS phase accumulator anytime I/O_UPDATE is asserted or a
profile change occurs.
12
Clear digital ramp
accumulator
0 = normal operation of the digital ramp generator (default).
1 = asynchronous, static reset of the DRG accumulator. The ramp accumulator remains reset as
long as this bit remains set. This bit is synchronized with either an I/O update or a PS[2:0]
change and the next rising edge of SYNC_CLK.
11
Clear phase accumulator
0 = normal operation of the DDS phase accumulator (default).
1 = asynchronous, static reset of the DDS phase accumulator as long as this bit is set. This bit is
synchronized with either an I/O update or a PS[2:0] change and the next rising edge of
SYNC_CLK.
10
Open
Open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com