Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914PCBZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9914PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914PCBZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9914PCBZ Datasheet HTML 40Page - Analog Devices AD9914PCBZ Datasheet HTML 41Page - Analog Devices AD9914PCBZ Datasheet HTML 42Page - Analog Devices AD9914PCBZ Datasheet HTML 43Page - Analog Devices AD9914PCBZ Datasheet HTML 44Page - Analog Devices AD9914PCBZ Datasheet HTML 45Page - Analog Devices AD9914PCBZ Datasheet HTML 46Page - Analog Devices AD9914PCBZ Datasheet HTML 47Page - Analog Devices AD9914PCBZ Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
Data Sheet
AD9914
Rev. C | Page 45 of 48
OUTLINE DIMENSIONS
Figure 48. 88-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
12 mm × 12 mm Body, Very Thin Quad
(CP-88-5)
Dimensions shown in millimeters
ORDERING GUIDE
Parameter1
Temperature Range
Package Description
Package Option
AD9914BCPZ
−40°C to +85°C
88-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-88-5
AD9914BCPZ-REEL7
−40°C to +85°C
88-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-88-5
AD9914/PCBZ
Evaluation Board
1
Z = RoHS Compliant Part.
*COMPLIANT TO JEDEC STANDARDS MO-220-VRRD
EXCEPT FOR MINIMUM THICKNESS AND LEAD COUNT.
1
22
66
45
23
44
88
67
0.50
0.40
0.30
0.30
0.23
0.18
10.50
REF
0.60 MAX
0.60
MAX
6.70
REF SQ
0.50
BSC
0.138~0.194 REF
12° MAX
SEATING
PLANE
TOP VIEW
EXPOSED PAD
BOTTOM VIEW
0.70
0.65
0.60
0.045
0.025
0.005
PIN 1
INDICATOR
12.10
12.00 SQ
11.90
11.85
11.75 SQ
11.65
PIN 1
INDICATOR
*0.90
0.85
0.75
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COPLANARITY
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com