Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914PCBZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9914PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914PCBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9914PCBZ Datasheet HTML 16Page - Analog Devices AD9914PCBZ Datasheet HTML 17Page - Analog Devices AD9914PCBZ Datasheet HTML 18Page - Analog Devices AD9914PCBZ Datasheet HTML 19Page - Analog Devices AD9914PCBZ Datasheet HTML 20Page - Analog Devices AD9914PCBZ Datasheet HTML 21Page - Analog Devices AD9914PCBZ Datasheet HTML 22Page - Analog Devices AD9914PCBZ Datasheet HTML 23Page - Analog Devices AD9914PCBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
AD9914
Data Sheet
Rev. C | Page 20 of 48
12-BIT DAC OUTPUT
The AD9914 incorporates an integrated 12-bit, current output
DAC. The output current is delivered as a balanced signal using
two outputs. The use of balanced outputs reduces the potential
amount of common-mode noise present at the DAC output,
offering the advantage of an increased signal-to-noise ratio. An
external resistor (RSET) connected between the DAC_RSET pin
and AGND establishes the reference current. The recommended
value of RSET is 3.3 kΩ.
Attention should be paid to the load termination to keep the
output voltage within the specified compliance range; voltages
developed beyond this range cause excessive distortion and can
damage the DAC output circuitry.
DAC CALIBRATION OUTPUT
The DAC CAL enable bit in the CFR4 control register (0x03[24])
must be manually set and then cleared after each power-up and
every time the REF CLK or internal system clock is changed.
This initiates an internal calibration routine to optimize the
setup and hold times for internal DAC timing. Failure to
calibrate may degrade performance and even result in loss of
functionality. The length of time to calibrate the DAC clock is
calculated from the following equation:
S
S
CAL
f
f
t
840
,
531
)
(
=
RECONSTRUCTION FILTER
The DAC output signal appears as a sinusoid sampled at fS. The
frequency of the sinusoid is determined by the frequency tuning
word (FTW) that appears at the input to the DDS. The DAC
output is typically passed through an external reconstruction
filter that serves to remove the artifacts of the sampling process
and other spurs outside the filter bandwidth.
Because the DAC constitutes a sampled system, its output must
be filtered so that the analog waveform accurately represents the
digital samples supplied to the DAC input. The unfiltered DAC
output contains the desired baseband signal, which extends from
dc to the Nyquist frequency (fS/2). It also contains images of the
baseband signal that theoretically extend to infinity. Notice that
the odd numbered images (shown in Figure 31) are mirror
images of the baseband signal. Furthermore, the entire DAC
output spectrum is affected by a sin(x)/x response, which is
caused by the sample-and-hold nature of the DAC output signal.
For applications using the fundamental frequency of the DAC
output, the response of the reconstruction filter should preserve
the baseband signal (Image 0), while completely rejecting all
other images. However, a practical filter implementation
typically exhibits a relatively flat pass band that covers the
desired output frequency plus 20%, rolls off as steeply as
possible, and then maintains significant (though not complete)
rejection of the remaining images. Depending on how close
unwanted spurs are to the desired signal, a third-, fifth-, or
seventh-order elliptic low-pass filter is common.
Some applications operate from an image above the Nyquist
frequency, and those applications use a band-pass filter instead
of a low-pass filter. The design of the reconstruction filter has a
significant impact on the overall signal performance. Therefore,
good filter design and implementation techniques are important
for obtaining the best possible jitter results.
Figure 31. DAC Spectrum vs. Reconstruction Filter Response
PRIMARY
SIGNAL
FILTER
RESPONSE
SIN(x)/x
ENVELOPE
SPURS
IMAGE 0
IMAGE 1
IMAGE 2
IMAGE 3
IMAGE 4
0
–20
–40
–60
–80
–100
MAGNITUDE
(dB)
fs/2
fs
3
fs/2
2
fs
5
fs/2
f
BASE BAND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com