Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914PCBZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9914PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914PCBZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9914PCBZ Datasheet HTML 36Page - Analog Devices AD9914PCBZ Datasheet HTML 37Page - Analog Devices AD9914PCBZ Datasheet HTML 38Page - Analog Devices AD9914PCBZ Datasheet HTML 39Page - Analog Devices AD9914PCBZ Datasheet HTML 40Page - Analog Devices AD9914PCBZ Datasheet HTML 41Page - Analog Devices AD9914PCBZ Datasheet HTML 42Page - Analog Devices AD9914PCBZ Datasheet HTML 43Page - Analog Devices AD9914PCBZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
AD9914
Data Sheet
Rev. C | Page 40 of 48
Bits
Mnemonic
Description
9
External OSK enable
0 = manual OSK enabled (default).
1 = automatic OSK enabled.
Ineffective unless CFR1[8] = 1.
8
OSK enable
0 = OSK disabled (default).
1 = OSK enabled. To engage any digital amplitude adjust using DRG, profile, or direct mode via
the 32-bit parallel port, or OSK pin, this bit must be set.
7
Digital power-down
This bit is effective without the need for an I/O update.
0 = clock signals to the digital core are active (default).
1 = clock signals to the digital core are disabled.
6
DAC power-down
0 = DAC clock signals and bias circuits are active (default).
1 = DAC clock signals and bias circuits are disabled.
5
REFCLK input power-down
This bit is effective without the need for an I/O update.
0 = REFCLK input circuits and PLL are active (default).
1 = REFCLK input circuits and PLL are disabled.
4
Open
Open.
3
External power-down control
0 = assertion of the EXT_PWR_DWN pin affects power-down.
1 = assertion of the EXT_PWR_DWN pin affects fast recovery power-down.
2
Open
Open.
1
SDIO input only
0 = configures the SDIO pin for bidirectional operation; 2-wire serial programming
mode (default).
1 = configures the serial data I/O pin (SDIO) as an input only pin; 3-wire serial
programming mode.
0
LSB first mode
0 = configures the serial I/O port for MSB-first format (default).
1 = configures the serial I/O port for LSB-first format.
Control Function Register 2 (CFR2)—Address 0x01
Table 16. Bit Descriptions for CFR2
Bit(s)
Mnemonic
Description
[31:24]
Open
Open.
23
Profile mode enable
0 = disables profile mode functionality (default).
1 = enables profile mode functionality. Profile pins are used to select the desired profile.
22
Parallel data port enable
See the Parallel Data Port Modulation Mode section for more details.
0 = disables parallel data port modulation functionality (default).
1 = enables parallel data port modulation functionality.
[21:20]
Digital ramp destination
See Table 9 for details. Default is 00. See the Digital Ramp Generator (DRG) section for more
details.
19
Digital ramp enable
0 = disables digital ramp generator functionality (default).
1 = enables digital ramp generator functionality.
18
Digital ramp no-dwell high
See the Digital Ramp Generator (DRG) section for details.
0 = disables no-dwell high functionality (default).
1 = enables no-dwell high functionality.
17
Digital ramp no-dwell low
See the Digital Ramp Generator (DRG) section for details.
0 = disables no-dwell low functionality (default).
1 = enables no-dwell low functionality.
16
Programmable modulus
enable
0 = disables programmable modulus.
1 = enables programmable modulus.
15
Matched latency enable
0 = simultaneous application of amplitude, phase, and frequency changes to the DDS arrive at
the output in the order listed in Table 2 under data latency (pipe line delay)(default).
1 = simultaneous application of amplitude, phase, and frequency changes to the DDS arrive at
the output simultaneously.
14
Frequency jump enable
0 = disables frequency jump.
1 = enables frequency jump mode. Must have the digital generator DRG enabled for this
feature.
13
DRG over output enable
0 = disables the DROVER output.
1 = enables the DROVER output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com