Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 12 Page - SMSC Corporation

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4604 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button USB4604 Datasheet HTML 8Page - SMSC Corporation USB4604 Datasheet HTML 9Page - SMSC Corporation USB4604 Datasheet HTML 10Page - SMSC Corporation USB4604 Datasheet HTML 11Page - SMSC Corporation USB4604 Datasheet HTML 12Page - SMSC Corporation USB4604 Datasheet HTML 13Page - SMSC Corporation USB4604 Datasheet HTML 14Page - SMSC Corporation USB4604 Datasheet HTML 15Page - SMSC Corporation USB4604 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
Revision 1.0 (06-17-13)
12
SMSC USB4604
DATASHEET
1
Upstream
USB D-
(Flex Port 0)
FLEX_USBUP_DM
AIO
Upstream USB Port 0 D- data signal.
See Note 3.2.
Note:
The upstream Port 0 signals can be
optionally swapped with the
downstream Port 1 signals.
Port 0 D-
Disable
Configuration
Strap
PRT_DIS_M0
IS
This strap is used in conjunction with
PRT_DIS_P0 to disable USB Port 0.
0 = Port 0 D- Enabled
1 = Port 0 D- Disabled
Note:
Both PRT_DIS_P0 and PRT_DIS_M0
must be tied to VDD33 at reset to place
Port 0 into HSIC mode.
See Note 3.3 for more information on
configuration straps.
1
Upstream
HSIC Data
(Flex Port 0)
FLEX_HSIC_UP_
DATA
HSIC
Upstream HSIC Port 0 DATA signal.
See Note 3.2.
Note:
The upstream Port 0 signals can be
optionally swapped with the
downstream Port 1 signals.
1
Upstream
HSIC Strobe
(Flex Port 0)
FLEX_HSIC_UP_
STROBE
HSIC
Upstream HSIC Port 0 STROBE signal.
See Note 3.2.
Note:
The upstream Port 0 signals can be
optionally swapped with the
downstream Port 1 signals.
1
Downstream
USB D+
(Swap Port 1)
SWAP_USBDN1_DP
AIO
Downstream USB Port 1 D+ data signal.
Note:
The downstream Port 1 signals can be
optionally swapped with the upstream
Port 0 signals.
Port 1 D+
Disable
Configuration
Strap
PRT_DIS_P1
IS
This strap is used in conjunction with
PRT_DIS_M1 to disable USB Port 1.
0 = Port 1 D+ Enabled
1 = Port 1 D+ Disabled
Note:
Both PRT_DIS_P1 and PRT_DIS_M1
must be tied to VDD33 at reset to
disable the associated port.
See Note 3.3 for more information on
configuration straps.
Table 3.1 Pin Descriptions (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com