Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 67 Page - SMSC Corporation

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4604 Datasheet(HTML) 67 Page - SMSC Corporation

Back Button USB4604 Datasheet HTML 63Page - SMSC Corporation USB4604 Datasheet HTML 64Page - SMSC Corporation USB4604 Datasheet HTML 65Page - SMSC Corporation USB4604 Datasheet HTML 66Page - SMSC Corporation USB4604 Datasheet HTML 67Page - SMSC Corporation USB4604 Datasheet HTML 68Page - SMSC Corporation USB4604 Datasheet HTML 69Page - SMSC Corporation USB4604 Datasheet HTML 70Page - SMSC Corporation USB4604 Datasheet HTML 71Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 67 / 71 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
SMSC USB4604
67
Revision 1.0 (06-17-13)
DATASHEET
9.6
Clock Specifications
The device can accept either a 24 MHz crystal or a 24 MHz single-ended clock oscillator input. If the
single-ended clock oscillator method is implemented, XTAL1 should be left unconnected and REFCLK
should be driven with a clock that adheres to the specifications outlined in Section 9.6.2, "External
Reference Clock (REFCLK)".
9.6.1
Oscillator/Crystal
It is recommended that a crystal utilizing matching parallel load capacitors be used for the crystal
input/output signals (XTAL1I/XTAL2). See Table 9.12 for the recommended crystal specifications.
Note 9.10 0oC for commercial version, -40oC for industrial version.
Note 9.11 +70oC for commercial version, +85oC for industrial version.
Table 9.11 SPI Timing Values (60 MHz Operation)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tfc
Clock frequency
60
MHz
tceh
Chip enable (SPI_CE_EN) high time
50
ns
tclq
Clock to input data
9
ns
tdh
Input data hold time
0
ns
tos
Output setup time
5
ns
toh
Output hold time
5
ns
tov
Clock to output valid
4
ns
tcel
Chip enable (SPI_CE_EN) low to first clock
12
ns
tceh
Last clock to chip enable (SPI_CE_EN) high
12
ns
Table 9.12 Crystal Specifications
PARAMETER
SYMBOL
MIN
NOM
MAX
UNITS
NOTES
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
-
24.000
-
MHz
Total Allowable PPM Budget
-
-
+/-350
PPM
Operating Temperature Range
Note 9.10
-
Note 9.11
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com