Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 45 Page - SMSC Corporation

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4604 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button USB4604 Datasheet HTML 41Page - SMSC Corporation USB4604 Datasheet HTML 42Page - SMSC Corporation USB4604 Datasheet HTML 43Page - SMSC Corporation USB4604 Datasheet HTML 44Page - SMSC Corporation USB4604 Datasheet HTML 45Page - SMSC Corporation USB4604 Datasheet HTML 46Page - SMSC Corporation USB4604 Datasheet HTML 47Page - SMSC Corporation USB4604 Datasheet HTML 48Page - SMSC Corporation USB4604 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
SMSC USB4604
45
Revision 1.0 (06-17-13)
DATASHEET
Table 7.8 Charge Detect Mask Register
CHG_DET_MSK
(0x30ED - RESET= 0x1F)
CHARGE DETECT MASK
BIT
NAME
R/W
DESCRIPTION
7
CONFIGURED
R/W
0: battChg.chgDet is not affected for this mask set when Hub is in a
session and has been configured by the USB Host
1: battChg.chgDet indicates status for this mask set met when Hub is in a
session and has been configured by the USB Host
6
CONNECTED
R/W
0: battChg.chgDet is not affected for this mask set when Hub has
successfully connected with an upstream Host
1: battChg.chgDet indicates status for this mask set met when Hub has
successfully connected with an upstream host.
5
SUSPENDED
R/W
0: battChg.chgDet is not affected for this mask set when Hub is in a
session and has been suspended by the USB Host
1: battChg.chgDet indicates status for this mask set met when Hub is in a
session and has been suspended by the USB Host
4
SE1SMask
R/W
0: battChg.chgDet is not affected for this mask set by detection of a Apple
Super High Current Charger
1: battChg.chgDet indicates status for this mask set met when a SE1
(Apple) Super High Current Charger is detected
3
SE1HMask
R/W
0: battChg.chgDet is not affected for this mask set by detection of a Apple
High Current Charger
1: battChg.chgDet indicates status for this mask set met when a Apple
High Current Charger is detected
2
SE1LMask
R/W
0: battChg.chgDet is not affected for this mask set by detection of a Apple
Low Current Charger
1: battChg.chgDet indicates status for this mask set met when a Apple
Low Current Charger is detected
1
CDPMask
R/W
0: battChg.chgDet is not affected for this mask set by detection of a CDP
Charger
1: battChg.chgDet indicates status for this mask set met when a CDP
Charger is detected
This mask bit should only be enabled if EnhancedChrgDet is asserted in
the Upstream Battery Charger Mode Register. Without it, the charger
detection is unable to identify a CDP.
0
DCPMask
R/W
0: battChg.chgDet is not affected for this mask set by detection of a DCP
Charger
1: battChg.chgDet indicates status for this mask set met when a DCP
Charger is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com