Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 44 Page - SMSC Corporation

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4604 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button USB4604 Datasheet HTML 40Page - SMSC Corporation USB4604 Datasheet HTML 41Page - SMSC Corporation USB4604 Datasheet HTML 42Page - SMSC Corporation USB4604 Datasheet HTML 43Page - SMSC Corporation USB4604 Datasheet HTML 44Page - SMSC Corporation USB4604 Datasheet HTML 45Page - SMSC Corporation USB4604 Datasheet HTML 46Page - SMSC Corporation USB4604 Datasheet HTML 47Page - SMSC Corporation USB4604 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
Revision 1.0 (06-17-13)
44
SMSC USB4604
DATASHEET
Table 7.6 OCS Status Register
Table 7.7 Upstream Battery Charger Mode Register
OCS_STAT
(0x30E6 - RESET= 0x00)
PORT POWER STATUS
BIT
NAME
R/W
DESCRIPTION
7:5
Reserved
R
Reserved
4:1
OCS[4:1]
R
Optional control from SOC that indicates an over-current condition on the
corresponding port for HUB status reporting to USB host. Also resets
corresponding PRTPWR status bit in the Port Power Status Register. Not
required for an embedded application.
0: No Over Current Condition
1: Over Current Condition
0
Reserved
R
Reserved
BC_CHG_MODE
(0x30EC - RESET= 0x00
UPSTREAM BATTERY CHARGER MODE
BIT
NAME
R/W
DESCRIPTION
7:6
Reserved
R
Reserved
5
HoldVdat
R/W
Dead Battery Vdat Detect voltage source enable
0: The charger detection state machine will turn off the Vdat Source at the
end of the charger detection routine.
1: The charger detection state machine leave Vdat Source on during
Hub.Connect stage when a SDP has been detected.
4
Reserved
R
Reserved
3
SE1ChrgDet
R/W
Apple type charger detection control
0: The charger detection routine will not look for the attachment of an
Apple type charger.
1: The charger detection routine will look for the attachment of an Apple
type charger.
2
EnhancedChrgDet
R/W
Enhanced charge detect control
0: The charger detection routine will not reverse Vdat SRC to differentiate
between a CDP and a DCP.
1: The charger detection routine will reverse Vdat SRC to differentiate
between a CDP and a DCP.
1:0
Reserved
R
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com