Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 49 Page - SMSC Corporation

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4604 Datasheet(HTML) 49 Page - SMSC Corporation

Back Button USB4604 Datasheet HTML 45Page - SMSC Corporation USB4604 Datasheet HTML 46Page - SMSC Corporation USB4604 Datasheet HTML 47Page - SMSC Corporation USB4604 Datasheet HTML 48Page - SMSC Corporation USB4604 Datasheet HTML 49Page - SMSC Corporation USB4604 Datasheet HTML 50Page - SMSC Corporation USB4604 Datasheet HTML 51Page - SMSC Corporation USB4604 Datasheet HTML 52Page - SMSC Corporation USB4604 Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
SMSC USB4604
49
Revision 1.0 (06-17-13)
DATASHEET
Table 7.13 Upstream (Port 0) Battery Charging Control 2 Register
BC_CTL_2
(0x6101- RESET=0x00)
UPSTREAM (PORT 0) BATTERY CHARGING CONTROL 2
REGISTER
BIT
NAME
R/W
DESCRIPTION
7
BC_10_125K_PU_DP
R/W
Setting this bit enables a 125K pull-up to VDD33 on DP. This
is used for USB battery charging in 1.0 mode detection only.
6
BC_10_125K_PU_DM
R/W
Setting this bit enables a 125K pull-up to VDD33 on DM. This
is used for USB battery charging in 1.0 mode detection only.
5
LINESTATE_DP
R
This is the direct value of the Full-Speed USB line state Data
Plus. It is used for battery charging detection. This line is not
valid in HS mode and should only be used in battery charging
detection.
4
LINESTATE_DM
R
This is the direct value of the Full-Speed USB line state Data
Minus. It is used for battery charging detection. This line is not
valid in HS mode and should only be used for battery charging
detection.
3
USB2_FS_DP
R
This is the raw Full-Speed single ended receiver output for
Data Plus
2
USB2_FS_DM
R
This is the raw Full-Speed single ended receiver output for
Data Minus
1:0
Reserved
R
Always read ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com