Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 61 Page - SMSC Corporation

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4604 Datasheet(HTML) 61 Page - SMSC Corporation

Back Button USB4604 Datasheet HTML 57Page - SMSC Corporation USB4604 Datasheet HTML 58Page - SMSC Corporation USB4604 Datasheet HTML 59Page - SMSC Corporation USB4604 Datasheet HTML 60Page - SMSC Corporation USB4604 Datasheet HTML 61Page - SMSC Corporation USB4604 Datasheet HTML 62Page - SMSC Corporation USB4604 Datasheet HTML 63Page - SMSC Corporation USB4604 Datasheet HTML 64Page - SMSC Corporation USB4604 Datasheet HTML 65Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 71 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
SMSC USB4604
61
Revision 1.0 (06-17-13)
DATASHEET
Note 9.9
Includes VDD12 current.
9.3.2
Suspend / Standby
9.3.2.1
Single Supply
The following tables detail the device power consumption when configured with a single VBAT supply
and an externally supplied VDD12 for HSIC (when applicable) For additional information on power
connections, refer to Chapter 4, "Power Connections," on page 22.
9.3.2.1.1
USB UPSTREAM
Note: Typical values measured with VBAT = 4.2V. Maximum values measured with VBAT = 5.5V.
9.3.2.1.2
HSIC UPSTREAM
Note: Typical values measured with VBAT = 4.2V, VDD12 = 1.2V. Maximum values measured with
VBAT = 5.5V, VDD12 = 1.32V.
Table 9.3 Single Supply Suspend/Standby Power Consumption (USB Upstream)
MODE
SYMBOL
TYPICAL @ 25oCCOMMERCIAL
MAX
INDUSTRIAL
MAX
UNIT
Suspend
IVBAT
320
1200
2000
uA
Standby
IVBAT
0.4
2.0
2.4
uA
Table 9.4 Single Supply Suspend/Standby Power Consumption (HSIC Upstream)
MODE
SYMBOL
TYPICAL @ 25oCCOMMERCIAL
MAX
INDUSTRIAL
MAX
UNIT
Suspend
IVBAT
120
1200
1500
uA
IVDD12
5
550
750
uA
Standby
IVBAT
0.2
1.9
2.2
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com