Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 46 Page - SMSC Corporation

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4604 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button USB4604 Datasheet HTML 42Page - SMSC Corporation USB4604 Datasheet HTML 43Page - SMSC Corporation USB4604 Datasheet HTML 44Page - SMSC Corporation USB4604 Datasheet HTML 45Page - SMSC Corporation USB4604 Datasheet HTML 46Page - SMSC Corporation USB4604 Datasheet HTML 47Page - SMSC Corporation USB4604 Datasheet HTML 48Page - SMSC Corporation USB4604 Datasheet HTML 49Page - SMSC Corporation USB4604 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
Revision 1.0 (06-17-13)
46
SMSC USB4604
DATASHEET
Table 7.9 Configure Portable Hub Register
Table 7.10 Port Select and Low-Power Suspend Register
Note:
This register should be assigned during the Hub.Config or Hub.Connect stages, and should not be
dynamically updated during Hub.Communication stage or undefined behavior may result.
CFGP
(0x30EE - RESET= 0x10)
PORTABLE HUB CONFIGURATION REGISTER
BIT
NAME
R/W
DESCRIPTION
7
ClkSusp
R/W
0: Allow device to gate-off its internal clocks during suspend mode in order
to meet USB suspend current requirements.
1: Force device to run internal clock even during USB suspend (will cause
device to violate USB suspend current limit - intended for test or self-
powered applications which require use of SMBus during USB session.)
6
Reserved
R
Always read ‘0’
5:1
DIS_CHP_PHY_CL
K[5:1]
R/W
A ‘1’ disables the PHY clock of the corresponding port:
Bit 5 - Downstream port 5
Bit 4 - Downstream port 4
Bit 3 - Downstream port 3
Bit 2 - Downstream port 2
Bit 1 - Downstream port 1
0
Reserved
R
Always read ‘0’
PSELSUSP
(0x318B- RESET=0x00)
PORT SELECT AND LOW POWER SUSPEND REGISTER
BIT
NAME
R/W
DESCRIPTION
7:6
APortSel
R/W
Specifies which downstream USB port is associated with the
PRTPWRA pin function.
‘00’ - Port 1
‘01’ - Port 2
‘10’ - Port 3
‘11’ - Port 4
5:0
Reserved
R
Always read ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com