Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 8 Page - SMSC Corporation

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4604 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button USB4604 Datasheet HTML 4Page - SMSC Corporation USB4604 Datasheet HTML 5Page - SMSC Corporation USB4604 Datasheet HTML 6Page - SMSC Corporation USB4604 Datasheet HTML 7Page - SMSC Corporation USB4604 Datasheet HTML 8Page - SMSC Corporation USB4604 Datasheet HTML 9Page - SMSC Corporation USB4604 Datasheet HTML 10Page - SMSC Corporation USB4604 Datasheet HTML 11Page - SMSC Corporation USB4604 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
Revision 1.0 (06-17-13)
8
SMSC USB4604
DATASHEET
The USB4604 is available in commercial (0°C to +70°C) and industrial (-40°C to +85°C) temperature
range versions.
1.1
Block Diagram
Figure 1.1 details the internal block diagram of the USB4604.
Figure 1.1 System Block Diagram
Repeater
Controller
SIE
Serial
Interface
To I2C Master/Slave
Routing & Port Re-Ordering Logic
SCL
SDA
Port Controller
VDDCR12
TT #3
TT #2
TT #1
1.2V Reg
RESET_N
VDDCOREREG
TT #4
GPIO
Port Power
OCS
TT #5
UDC
20
2KB
DP
SRAM
8051
Controller
SPI
SPI/I2C
GPIO
Bridge
4KB
SRAM
32KB
ROM
2KB
OTP
256B
IRAM
VDDA33
VBAT
3.3V Reg
Swap PHY
USB
Down or
Upstream
PHY
USB
Downstream
PHY
USB
Downstream
PHY
USB
Downstream
Flex PHY
Up or
Downstream
HSIC/USB
Flex HSIC
VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com