Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 16 Page - SMSC Corporation

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4604 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button USB4604 Datasheet HTML 12Page - SMSC Corporation USB4604 Datasheet HTML 13Page - SMSC Corporation USB4604 Datasheet HTML 14Page - SMSC Corporation USB4604 Datasheet HTML 15Page - SMSC Corporation USB4604 Datasheet HTML 16Page - SMSC Corporation USB4604 Datasheet HTML 17Page - SMSC Corporation USB4604 Datasheet HTML 18Page - SMSC Corporation USB4604 Datasheet HTML 19Page - SMSC Corporation USB4604 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
Revision 1.0 (06-17-13)
16
SMSC USB4604
DATASHEET
MISC.
1
Port 1 Over-
Current
Sense Input
OCS1_N
IS
(PU)
This active-low signal is input from an external
current monitor to indicate an over-current
condition on USB Port 1.
1
Port 2 Over-
Current
Sense Input
OCS2_N
IS
(PU)
This active-low signal is input from an external
current monitor to indicate an over-current
condition on USB Port 2.
1
UART
Receive Input
UART_RX
IS
Internal UART receive input
Note:
This is a 3.3V signal. For RS232
operation, an external 12V translator is
required.
Port 3 Over-
Current
Sense Input
OCS3_N
IS
(PU)
This active-low signal is input from an external
current monitor to indicate an over-current
condition on USB Port 3.
1
UART
Transmit
Output
UART_TX
O8
Internal UART transmit output
Note:
This is a 3.3V signal. For RS232
operation, an external 12V driver is
required.
Port 4 Over-
Current
Sense Input
OCS4_N
IS
(PU)
This active-low signal is input from an external
current monitor to indicate an over-current
condition on USB Port 4.
1
System Reset
Input
RESET_N
I_RST
This active-low signal allows external hardware to
reset the device.
Note:
The active-low pulse must be at least
5us wide. Refer to Section 8.4.2,
"External Chip Reset (RESET_N)," on
page 56 for additional information.
1
Crystal Input
XTAL1
ICLK
External 24 MHz crystal input
Reference
Clock Input
REFCLK
ICLK
Reference clock input. The device may be
alternatively driven by a single-ended clock
oscillator. When this method is used, XTAL2
should be left unconnected.
1
Crystal
Output
XTAL2
OCLK
External 24 MHz crystal output
1
External USB
Transceiver
Bias Resistor
RBIAS
AI
A 12.0k
Ω (+/- 1%) resistor is attached from
ground to this pin to set the transceiver’s internal
bias settings.
Table 3.1 Pin Descriptions (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com