Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 42 Page - SMSC Corporation

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4604 Datasheet(HTML) 42 Page - SMSC Corporation

Back Button USB4604 Datasheet HTML 38Page - SMSC Corporation USB4604 Datasheet HTML 39Page - SMSC Corporation USB4604 Datasheet HTML 40Page - SMSC Corporation USB4604 Datasheet HTML 41Page - SMSC Corporation USB4604 Datasheet HTML 42Page - SMSC Corporation USB4604 Datasheet HTML 43Page - SMSC Corporation USB4604 Datasheet HTML 44Page - SMSC Corporation USB4604 Datasheet HTML 45Page - SMSC Corporation USB4604 Datasheet HTML 46Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
Revision 1.0 (06-17-13)
42
SMSC USB4604
DATASHEET
0
START_CHG_DET
R/W
Manually Initiates a USB battery charger detection sequence at the time
of assertion. This bit must not be set while hub is in operation. This bit
is cleared automatically when the manual battery charger detection
sequence is completed.
0 = Write: No Effect / Read: Battery Charger Detection Sequence
Completed or not run.
1 = Write: Start Battery Charger Detection / Read: Battery Charger
Detection Sequence is running
Table 7.3 Upstream Custom Battery Charger Control Register
UP_CUST_BC_CTL
(0x30E3 - RESET= 0x00)
UPSTREAM CUSTOM BATTERY CHARGING CONTROL
BIT
NAME
R/W
DESCRIPTION
7
I2CControl
R/W
I2C control
0: I2C control disabled
1: I2C control enabled
6
DmPulldownEn
R/W
DM 15K pull down resistor control
0: DM 15K pull down resistor disabled
1: DM 15K pull down resistor enabled
5
DpPulldownEn
R/W
DP 15K pull down resistor control
0: DP 15K pull down resistor disabled
1: DP 15K pull down resistor enabled
4
IdatSinkEn
R/W
Idat current sink control
0: Idat current sink disabled
1: Idat current sink enabled
3
HostChrgEn
R/W
Host charger detection swap control
0: Charger detection connections of DP and DM are not swapped
(standard)
1: Charger detection connections of DP and DM are swapped. The USB
signal path is not reversed.
2
VdatSrcEn
R/W
Vdat voltage source control
0: Vdat voltage source disabled
1: Vdat voltage source enabled
1
ContactDetectEn
R/W
Contact detect current source control
0: Contact detect current source disabled
1: Contact detect current source enabled
Table 7.2 Upstream Battery Charging Detection Control Register (continued)
UP_BC_DET
(0x30E2 - RESET= 0x02)
UPSTREAM BATTERY CHARGING REGISTER
BIT
NAME
R/W
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com