Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032 Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST26VF032
Description  Serial Quad I/O SQI Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26VF032 Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST26VF032 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
©2011 Silicon Storage Technology, Inc.
DS-25017A
04/11
21
Serial Quad I/O (SQI) Flash Memory
SST26VF016 / SST26VF032
Data Sheet
A Microchip Technology Company
Page-Program
The Page-Program instruction programs up to 256 Bytes of data in the memory. The data for the
selected page address must be in the erased state (FFH) before initiating the Page-Program operation.
A Page-Program applied to a protected memory area will be ignored. Prior to the program operation,
execute the WREN instruction.
To execute a Page-Program operation, the host drives CE# low then sends the Page Program com-
mand cycle (02H), three address cycles followed by the data to be programmed, then drives CE# high.
The programmed data must be between 1 to 256 Bytes and in whole Byte increments; sending an odd
number of nibbles will cause the last nibble to be ignored. Each cycle is two nibbles (clocks) long, most
significant bit first. Poll the BUSY bit in the Status register or wait TPP for the completion of the internal,
self-timed, Page-Program operation. See Figure 18 for the Page-Program sequence.
When executing Page-Program, the memory range for the SST26VF016/032 is divided into 256 Byte
page boundaries. The device handles shifting of more than 256 Bytes of data by maintaining the last
256 Bytes of data as the correct data to be programmed. If the target address for the Page-Program
instruction is not the beginning of the page boundary (A7:A0 are not all zero), and the number of data
input exceeds or overlaps the end of the address of the page boundary, the excess data inputs wrap
around and will be programmed at the start of that target page.
Figure 18:Page-Program Sequence
Write-Suspend and Write-Resume
Write-Suspend allows the interruption of Sector-Erase, Block-Erase or Page-Program operations in
order to erase, program, or read data in another portion of memory. The original operation can be con-
tinued with the Write-Resume command.
Only one write operation can be suspended at a time; if an operation is already suspended, the device
will ignore the Write-Suspend command. Write-Suspend during Chip-Erase is ignored; Chip-Erase is
not a valid command while a write is suspended.
1359 F10.0
MODE 3
0
SCK
SIO(3:0)
CE#
C1 C0
MODE 0
2
A5 A4
MSN LSN
4
A3 A2
6
A1 A0
8
H0 L0
10
H1 L1
12
H2 L2
542
HN LN
Data Byte 0 Data Byte 1 Data Byte 2
Data Byte 255
Note: MSN = Most Significant Nibble, LSN = Least Significant Nibble
C[1:0] = 02H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com