Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032 Datasheet(PDF) 32 Page - Silicon Storage Technology, Inc

Part # SST26VF032
Description  Serial Quad I/O SQI Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26VF032 Datasheet(HTML) 32 Page - Silicon Storage Technology, Inc

Back Button SST26VF032 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 36Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
©2011 Silicon Storage Technology, Inc.
DS-25017A
04/11
32
Serial Quad I/O (SQI) Flash Memory
SST26VF016 / SST26VF032
Data Sheet
A Microchip Technology Company
DC Characteristics
Table 12:DC Operating Characteristics (VDD = 2.7- 3.6V)
Symbol
Parameter
Limits
Test Conditions
Min
Typ
Max
Units
IDDR
Read Current
12
18
mA
VDD=VDD Min,
CE#=0.1 VDD/0.9 VDD@33 MHz,
SO=open
IDDW
Program and Erase Cur-
rent
30
mA
CE#=VDD
ISB1
Standby Current
8
15
µA
CE#=VDD,VIN=VDD or VSS
ILI
Input Leakage Current
1
µA
VIN=GND to VDD,VDD=VDD Max
ILO
Output Leakage Current
1
µA
VOUT=GND to VDD,VDD=VDD Max
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VIH
Input High Voltage
0.7
VDD
VVDD=VDD Max
VOL
Output Low Voltage
0.2
V
IOL=100 µA, VDD=VDD Min
VOH
Output High Voltage
VDD-
0.2
VIOH=-100 µA, VDD=VDD Min
T12.0 25017
Table 13:Capacitance (TA = 25°C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
COUT1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this
parameter.
Output Pin Capacitance
VOUT =0V
12pF
CIN1
Input Capacitance
VIN =0V
6pF
T13.0 25017
Table 14:Reliability Characteristics
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this
parameter.
Endurance
100,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T14.0 25017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com