Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032 Datasheet(PDF) 33 Page - Silicon Storage Technology, Inc

Part # SST26VF032
Description  Serial Quad I/O SQI Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26VF032 Datasheet(HTML) 33 Page - Silicon Storage Technology, Inc

Back Button SST26VF032 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 37Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
©2011 Silicon Storage Technology, Inc.
DS-25017A
04/11
33
Serial Quad I/O (SQI) Flash Memory
SST26VF016 / SST26VF032
Data Sheet
A Microchip Technology Company
AC Characteristics
Table 15:AC Operating Characteristics
Symbol
Parameter
Limits - 33 MHz
Limits - 80 MHz
Units
Min
Max
Min
Max
FCLK
Serial Clock Frequency
33
80
MHz
TCLK
Serial Clock Period
30
12.5
ns
TSCKH
Serial Clock High Time
13
5.5
ns
TSCKL
Serial Clock Low Time
13
5.5
ns
TSCKR1
1. Maximum Rise and Fall time may be limited by TSCKH and TSCKL requirements
Serial Clock Rise Time (slew
rate)
0.1
0.1
V/ns
TSCKF1
Serial Clock Fall Time (slew
rate)
0.1
0.1
V/ns
TCES2
2. Relative to SCK.
CE# Active Setup Time
12
5
ns
TCEH2
CE# Active Hold Time
12
5
ns
TCHS2
CE# Not Active Setup Time
10
3
ns
TCHH2
CE# Not Active Hold Time
10
3
ns
TCPH
CE# High Time
100
12.5
ns
TCHZ
CE# High to High-Z Output
14
12.5
ns
TCLZ
SCK Low to Low-Z Output
0
0
ns
TDS
Data In Setup Time
3
3
ns
TDH
Data In Hold Time
4
4
ns
TOH
Output Hold from SCK Change
0
0
ns
TV
Output Valid from SCK
12
6
ns
TSE
Sector-Erase
25
25
ms
TBE
Block-Erase
25
25
ms
TSCE
Chip-Erase
50
50
ms
TPP
Page-Program
1.5
1.5
ms
TPSID
Program Security ID
0.2
0.2
ms
TWS
Write-Suspend Latency
10
10
µs
T15.1 25017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com