Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032 Datasheet(PDF) 35 Page - Silicon Storage Technology, Inc

Part # SST26VF032
Description  Serial Quad I/O SQI Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26VF032 Datasheet(HTML) 35 Page - Silicon Storage Technology, Inc

Back Button SST26VF032 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 37Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 38Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 39Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
©2011 Silicon Storage Technology, Inc.
DS-25017A
04/11
35
Serial Quad I/O (SQI) Flash Memory
SST26VF016 / SST26VF032
Data Sheet
A Microchip Technology Company
Figure 28:Reset Timing Diagram
Figure 29:AC Input/Output Reference Waveforms
1359 F14.0
MODE 3
CLK
SIO(3:0)
CE#
MODE 3
C1
C3 C2
C0
MODE 0
MODE 3
MODE 0
MODE 0
TCPH
Note: C[1:0] = 55H; C[3:2] = AAH
1359 F28.0
REFERENCE POINTS
OUTPUT
INPUT
VHT
VLT
VHT
VLT
VIHT
VILT
AC test inputs are driven at VIHT (0.9VDD) for a logic ‘1’ and VILT (0.1VDD) for a logic ‘0’.
Measurement reference points for inputs and outputs are VHT (0.6VDD) and VLT
(0.4VDD). Input rise and fall times (10% 90%) are <3 ns.
Note: VHT -VHIGH Test
VLT -VLOW Test
VIHT -VINPUT HIGH
Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com