Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032 Datasheet(PDF) 30 Page - Silicon Storage Technology, Inc

Part # SST26VF032
Description  Serial Quad I/O SQI Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26VF032 Datasheet(HTML) 30 Page - Silicon Storage Technology, Inc

Back Button SST26VF032 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 34Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
©2011 Silicon Storage Technology, Inc.
DS-25017A
04/11
30
Serial Quad I/O (SQI) Flash Memory
SST26VF016 / SST26VF032
Data Sheet
A Microchip Technology Company
Electrical Specifications
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute
Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions or conditions greater than those defined in the
operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating con-
ditions may affect device reliability.)
Temperature Under Bias .............................................. -55°C to +125°C
Storage Temperature................................................. -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential ............................. -0.5V to VDD+0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential .................. -2.0V to VDD+2.0V
Package Power Dissipation Capability (TA = 25°C)................................... 1.0W
Surface Mount Solder Reflow Temperature ........................... 260°C for 10 seconds
Output Short Circuit Current1................................................... 50mA
1. Output shorted for no more than one second. No more than one output shorted at a time.
Operating Range
Range
Ambient Temp
VDD
Industrial
-40°C to +85°C
2.7-3.6V
Table 10:AC Conditions of Test1
1. See Figure 29
Input Rise/Fall Time
Output Load
3ns
CL =30pF
T10.1 25017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com