Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032 Datasheet(PDF) 14 Page - Silicon Storage Technology, Inc

Part # SST26VF032
Description  Serial Quad I/O SQI Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26VF032 Datasheet(HTML) 14 Page - Silicon Storage Technology, Inc

Back Button SST26VF032 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 18Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
©2011 Silicon Storage Technology, Inc.
DS-25017A
04/11
14
Serial Quad I/O (SQI) Flash Memory
SST26VF016 / SST26VF032
Data Sheet
A Microchip Technology Company
Read (33 MHz)
The Read instruction, 03H, is supported in SPI bus protocol only with clock frequencies up to 33 MHz.
This command is not supported in SQI bus protocol. The device outputs the data starting from the
specified address location, then continuously streams the data output through all addresses until ter-
minated by a low-to-high transition on CE#. The internal address pointer will automatically increment
until the highest memory address is reached. Once the highest memory address is reached, the
address pointer will automatically return to the beginning (wrap-around) of the address space.
Initiate the Read instruction by executing an 8-bit command, 03H, followed by address bits A23:A0.
CE# must remain active low for the duration of the Read cycle. SIO2 and SIO3 must be driven VIH for
the duration of the Read cycle. See Figure 8 for Read Sequence.
Figure 8: Read Sequence (SPI)
Enable Quad I/O (EQIO)
The Enable Quad I/O (EQIO) instruction, 38H, enables the flash device for SQI bus operation. upon
completion of the instruction, all instructions thereafter will be 4-bit multiplexed input/output until a
power cycle or a “Reset Quad I/O instruction” is executed. See Figure 9.
Figure 9: Enable Quad I/O Sequence
1359 F29.0
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
03
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
70
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
DOUT
MSB
MSB
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
Note: SIO2 and SIO3 must be driven VIH
1359 F43.0
MODE 3
0
1
SCK
SIO0
CE#
MODE 0
234567
38
SIO[3:1]
Note: C[1:0] = 38H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com