Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032 Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST26VF032
Description  Serial Quad I/O SQI Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26VF032 Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST26VF032 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
©2011 Silicon Storage Technology, Inc.
DS-25017A
04/11
9
Serial Quad I/O (SQI) Flash Memory
SST26VF016 / SST26VF032
Data Sheet
A Microchip Technology Company
Status Register
The Status register is a read-only register that provides status on whether the flash memory array is
available for any Read or Write operation, whether the device is Write enabled, and whether an erase
or program operation is suspended. During an internal Erase or Program operation, the Status register
may be read to determine the completion of an operation in progress. Table 2 describes the function of
each bit in the Status register.
Table 2: Status Register
Bit
Name
Function
Default at
Power-up
0
RES
Reserved for future use
0
1
WEL
Write-Enable Latch status
1 = Device is memory Write enabled
0 = Device is not memory Write enabled
0
2
WSE
Write Suspend-Erase status
1 = Erase suspended
0 = Erase is not suspended
0
3
WSP
Write Suspend-Program status
1 = Program suspended
0 = Program is not suspended
0
4
WPLD
Write Protection Lock-Down status
1 = Write Protection Lock-Down enabled
0 = Write Protection Lock-Down disabled
0
5
SEC1
1. The Security ID status will always be ‘1’ at power-up after a successful execution of the Lockout Sec ID instruction, oth-
erwise default at power-up is ‘0’.
Security ID status
1 = Security ID space locked
0 = Security ID space not locked
01
6
RES
Reserved for future use
0
7
BUSY
Write operation status
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0
T2.0 25017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com