Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032 Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST26VF032
Description  Serial Quad I/O SQI Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26VF032 Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST26VF032 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
©2011 Silicon Storage Technology, Inc.
DS-25017A
04/11
6
Serial Quad I/O (SQI) Flash Memory
SST26VF016 / SST26VF032
Data Sheet
A Microchip Technology Company
Device Operation
The SST26VF016/032 supports both Serial Peripheral Interface (SPI) bus protocol and the new 4-bit
multiplexed Serial Quad I/O (SQI) bus protocol. To provide backward compatibility to traditional SPI
Serial Flash devices, the device’s initial state after a power-on reset is SPI bus protocol supporting only
Read, High Speed Read, and JEDEC-ID Read instructions. A command instruction configures the
device to Serial Quad I/O bus protocol. The dataflow in this bus protocol is controlled with four multi-
plexed I/O signals, a chip enable (CE#), and serial clock (SCK).
SQI Flash Memory protocol supports both Mode 0 (0,0) and Mode 3 (1,1) bus operations. The differ-
ence between the two modes, as shown in Figures 4 and 5, is the state of the SCK signal when the
bus master is in Stand-by mode and no data is being transferred. The SCK signal is low for Mode 0
and SCK signal is high for Mode 3. For both modes, the Serial Data I/O (SIO[3:0]) is sampled at the ris-
ing edge of the SCK clock signal for input, and driven after the falling edge of the SCK clock signal for
output. The traditional SPI protocol uses separate input (SI) and output (SO) data signals as shown in
Figure 4. The SST26VF016/032 use four multiplexed signals, SIO[3:0], for both data in and data out,
as shown in Figure 5. This quadruples the traditional bus transfer speed at the same clock frequency,
without the need for more pins on the package.
Figure 4: SPI Protocol (Traditional 25 Serial SPI Device)
Figure 5: SQI Serial Quad I/O Protocol
1359 F03.0
MODE 3
SCK
SI
SO
CE#
MODE 3
DON T CARE
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MODE 0
MODE 0
HIGH IMPEDANCE
MSB
MSB
1409 F04.1
MODE 3
CLK
SIO(3:0)
CE#
MODE 3
C1
C0
A5
A4
A3
A2
A1
A0
H0
L0
H1
L1
H2
L2
H3
L3
MODE 0
MODE 0
MSB
X = Don’t Care or High Impediance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com