Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032 Datasheet(PDF) 15 Page - Silicon Storage Technology, Inc

Part # SST26VF032
Description  Serial Quad I/O SQI Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26VF032 Datasheet(HTML) 15 Page - Silicon Storage Technology, Inc

Back Button SST26VF032 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 19Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
©2011 Silicon Storage Technology, Inc.
DS-25017A
04/11
15
Serial Quad I/O (SQI) Flash Memory
SST26VF016 / SST26VF032
Data Sheet
A Microchip Technology Company
Reset Quad I/O (RSTQIO)
The Reset Quad I/O instruction, FFH, resets the device to 1-bit SPI protocol operation. To execute a
Reset Quad I/O operation, the host drives CE# low, sends the Reset Quad I/O command cycle (FFH)
then, drives CE# high. The device accepts either SPI (8 clocks) or SQI (2 clocks) command cycles. For
SPI, SIO[3:1] are don’t care for this command, but should be driven to VIH or VIL.
High-Speed Read (80 MHz)
The High-Speed Read instruction, 0BH, is supported in both SPI bus protocol and SQI protocol. On
power-up, the device is set to use SPI.
Initiate High-Speed Read by executing an 8-bit command, 0BH, followed by address bits [A23-A0] and
a dummy byte. CE# must remain active low for the duration of the High-Speed Read cycle. SIO2 and
SIO3 must be driven VIH for the duration of the Read cycle. See Figure 10 for the High-Speed Read
sequence for SPI bus protocol.
Figure 10:High-Speed Read Sequence (SPI)
In SQI protocol, the host drives CE# low then send the Read command cycle command, 0BH, followed by
three address cycles and one dummy cycle. Each cycle is two nibbles (clocks) long, most significant nibble first.
After the dummy cycle, the Serial Quad I/O (SQI) Flash Memory outputs data on the falling edge of
the SCK signal starting from the specified address location. The device continually streams data out-
put through all addresses until terminated by a low-to-high transition on CE#. The internal address
pointer automatically increments until the highest memory address is reached, at which point the
address pointer returns to address location 000000H.
During this operation, blocks that are Read-locked will output data 00H.
Figure 11:High-Speed Read Sequence (SQI)
1359 F31.0
CE#
SO/SIO1
SI/SIO0
SCK
ADD.
0 1 23 4 5 67 8
ADD.
ADD.
0B
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
X
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
80
71 72
DOUT
Note: SIO2 and SIO3 must be driven VIH
1359 F06.2
MODE 3
0
1
2
9
16
CLK
SIO(3:0)
CE#
MODE 3
C1
C0
A5
A4
A3
A2
A1
A0
X
X
H0
L0
H1
L1
H2
L2
H3
L3
MODE 0
MODE 0
MSB
Data Out
Data In
Note: C[1:0] = 0BH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com